công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAMM15SF bảng dữ liệu(PDF) 256 Page - ITT Industries

tên linh kiện DAMM15SF
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15SF bảng dữ liệu(HTML) 256 Page - ITT Industries

Back Button DAMM15SF Datasheet HTML 252Page - ITT Industries DAMM15SF Datasheet HTML 253Page - ITT Industries DAMM15SF Datasheet HTML 254Page - ITT Industries DAMM15SF Datasheet HTML 255Page - ITT Industries DAMM15SF Datasheet HTML 256Page - ITT Industries DAMM15SF Datasheet HTML 257Page - ITT Industries DAMM15SF Datasheet HTML 258Page - ITT Industries DAMM15SF Datasheet HTML 259Page - ITT Industries DAMM15SF Datasheet HTML 260Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
PCB Hole Pattern — Standard/European
High Power/Voltage Straight — Plug
C
8W8
0 #20
8 #8
C
13W6
7 #20
6 #8
C
17W5
12 #20
5 #8
C
21WA4
17 #20
4 #8
C
25W3
22 #20
3 #8
C
27W2
25 #20
2 #8
3,81 (.150)
10,16 (.400)
Mounting
Hole
63,50 (2.500)
22,86 (.900)
15,24 (.600)
16,51(.650)
8,89 (.350)
2,54 (.100)
22,86 (.900)
High Voltage
Contact
High Power/
23,47 (.924)
22,10 (.870)
19,33 (.761)
16,56 (.652)
4,37 (.172)
11,10 (.437)
17,96 (.707)
20.70 (.815)
Mounting
Hole
Signal
Contact
24,84 (.978)
63.50 (2.500)
22,56 (.888)
15,82 (.623)
9,09 (.358)
2,36 (.093)
2,84
(.112)
High Voltage
Contact
High Power/
5,54(.218)
11,05 (.435)
8,28 (.326)
5,54(.218)
8,28 (.326)
6,91 (.272)
9,68 (.381)
Mounting Hole
Signal
Contact
2,80 (.110)
63,50 (2.500)
22,68 (.893)
22,68 (.893)
15,70 (.618)
15,70 (.618)
2,84
(.112)
8,71 (.343)
High Voltage
Contact
High Power/
5,54(.218) 5,54(.218)
11,05 (.435)
8,28 (.326)
11,05 (.435)
8,28 (.326)
5,54(.218)
8,28 (.326)
6,91 (.272)
9,68 (.381)
6,91 (.272)
9,68 (.381)
Mounting Hole
Signal
Contact
2,80 (.110)
63,50 (2.500)
2,84
(.112)
22,68 (.893)
22,68 (.893)
15,70 (.618)
15,70 (.618)
High Voltage
Contact
High Power/
5,54(.218)
5,54(.218)
11,05 (.435)
8,28 (.326)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
5,54(.218)
8,28 (.326)
6,91 (.272)
9,68 (.381)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
Mounting Hole
Signal
Contact
2,80 (.110)
63,50 (2.500)
2,84
(.112)
22,68 (.893)
22,68 (.893)
15,70 (.618)
17,96 (.707)
High Voltage
Contact
High Power/
5,54(.218) 5,54(.218)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
5,54(.218)
8,28 (.326)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
Mounting Hole
Signal
Contact
2,80 (.110)
63,50 (2.500)
2,84
(.112)
22,68 (.893)
22,68 (.893)
High Voltage
Contact
High Power/
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Signal Contact
X
Recommended PCB Hole
X
0,60 (.024)
1,00 (.039)
0,76 (.030)
1,14 (.045)
Mounting Type
Recommended PCB Hole
X
Without Boardlock
3,05 (.120)
With Boardlock
3,10 (.122)
Size 8 Contact Type
Recommended PCB Hole
X
High Power (H)
3,56 (.140)
High Voltage (V)
1,96 (.077)
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com