| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBMM25PC bảng dữ liệu(PDF) 215 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25PC bảng dữ liệu(HTML) 215 Page - ITT Industries |
|
215 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 214 D Subminiature Accessories Guide Pin Plate Female MOUNTING PANEL 9,60 (.378) MAX 1,57 (.062) 6,35 (.250) MAX SOLDER POT EXTENSION F J F 2X R K 2X Ø 3,66 0,13 (.144 .005) 2X Ø 4,22 ± 0,05 (.166 .002) B E D H Useful in blind mate applications. Kit consists of 1 plate, 2 screws Guide pin inserts for Size 8 cavities for Combo D connectors also available. See page 95. Recommended Panel Cutout Shell Size Layout Part Number A ±0,41 (.016) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,13 (.005) F ±0,13 (.005) G ±0,41 (.016) H ±0,41 (.016) J ±0,41 (.016) K ±0,41 (.016) DE 9 DE111920 49,61 (1.953) 40,08 (1.578) 25,00 (.986) 18,65 (.734) 15,27 (.601) 9,52 (.375) 25,40 (1.000) 30,58 (1.204) 12,29 (.484) 6,15 (.242) DA 15 DA22214 57,96 (2.282) 48,41 (1.906) 33,32 (1.312) 22,81 (.898) 19,43 (.765) 9,52 (.375) 25,40 (1.000) 38,91 (1.532) 12,29 (.484) 6,15 (.242) DB 25 DB22254 71,63 (2.820) 62,13 (2.446) 47,04 (1.852) 29,67 (1.168) 26,29 (1.035) 9,52 (.375) 25,40 (1.000) 51,21 (2.016) 11,91 (.469) 5,94 (.234) DC 37 DC22071 88,11 (3.469) 78,59 (3.094) 63,50 (2.500) 37,90 (1.492) 34,52 (1.359) 9,52 (.375) 25,40 (1.000) 67,49 (2.657) 11,91 (.469) 5,94 (.234) DD 50 DD21961 85,72 (3.375) 76,20 (3.000) 61,11 (2.406) 36,50 (1.437) 33,32 (1.312) 11,10 (.437) 28,58 (1.125) 65,10 (2.563) 14,30 (.563) 7,16 (.282) Guide Pin Plate Plate and Hardware Material: Steel Plate and Hardware Finish: Yellow Chromate over Zinc or Cadmium |