| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBMM25PC bảng dữ liệu(PDF) 204 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25PC bảng dữ liệu(HTML) 204 Page - ITT Industries |
|
204 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 203 D Subminiature Accessories Metal Backshell Metal Backshell Metal Backshells provide strain relief. Various profiles available for different cable routing requirements. Deep Straight Clamp B E CABLE ENTRY 2X Ø 3,45 (.136) C A F CABLE ENTRY G 0,38 ± ,013 (.015 ± .005) H MAX D MAX B Ø D MAX CABLE ENTRY 2X Ø 3,05 (.120) A C E G F 0,38 ± 0,13 (.015 ± .005) Shell Size Layout Part Number Mil Spec Part Number A ±0,38 (.015) B ±0,572 (.0225) C ±0,13 (.005) D max. E ±0,38 (.015) F ±0,38 (.015) G ±0,38 (.015) H max. DE 9 DE24657 M85049/48-1-1 30,56 (1.203) 12,484 (.4915) 24,99 (.984) 14,68 (.578) 9,53 (.375) 9,53 (.375) 19,05 (.750) 31,75 (1.250) DA 15 DA24658 M85049/48-1-2 38,89 (1.531) 12,484 (.4915) 33,32 (1.312) 14,68 (.578) 18,11 (.713) 7,93 (.312) 19,05 (.750) 31,75 (1.250) DB 25 DB24659 M85049/48-1-3 52,78 (2.078) 12,484 (.4915) 47,04 (1.852) 14,68 (.578) 25,40 (1.000) 7,93 (.312) 25,40 (1.000) 39,70 (1.563) DC 37 DC24660 M85049/48-1-4 69,04 (2.718) 12,484 (.4915) 63,50 (2.500) 14,68 (.578) 34,93 (1.375) 7,93 (.312) 25,40 (1.000) 39,70 (1.563) DD 50 DD24661 M85049/48-1-5 66,68 (2.625) 15,253 (.6005) 61,11 (2.406) 17,45 (.687) 35,71 (1.406) 10,31 (.406) 28,57 (1.125) 42,88 (1.688) Round Cable Clamp Shell Size Layout Part Number Mil Spec Part Number A ±0,38 (.015) B ±0,38 (.015) C ±0,13 (.005) X D max. E ±0,38 (.015) F ±0,38 (.015) G ±0,76 (.030) DE 9 DE44994 M85049/48-2-1 30,68 (1.208) 12,70 (.500) 24,99 (.984) 10,31 (.406) 16,79 (.661) 3,18 (.125) 26,18 (1.031) DA 15 DA20961 M85049/48-2-2 38,89 (1.531) 12,70 (.500) 33,33 (1.312) 10,31 (.406) 24,99 (.984) 3,18 (.125) 26,18 (1.031) DB 25 DB20962 M85049/48-2-3 52,78 (2.078) 12,70 (.500) 47,04 (1.852) 15,06 (.593) 38,48 (1.515) 4,75 (.187) 26,98 (1.062) DC 37 DC20963 M85049/48-2-4 69,04 (2.718) 12,70 (.500) 63,50 (2.500) 18,23 (.718) 55,14 (2.171) 6,35 (.250) 26,98 (1.062) DD 50 DD20964 M85049/48-2-5 66,68 (2.625) 15,47 (.609) 61,11 (2.406) 20,62 (.812) 53,16 (2.093) 7,92 (.312) 26,98 (1.062) Product Features Qualified to MIL-Spec M85049 Materials and Finishes Backshell Material: Low Carbon Steel Finish: Yellow Chromate over Cadmium Hardware Material: Steel Kit consists of 1 shell, 2 cable clamps, 2 screws, 2 hex nuts Kit consists of 1 shell, 2 screws, 2 hex nuts |