| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEMM9PC bảng dữ liệu(PDF) 265 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMM9PC bảng dữ liệu(HTML) 265 Page - ITT Industries |
|
265 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 23,47 (.924) 22,10 (.870) 19,33 (.761) 16,56 (.652) 17,96 (.707) 20.70 (.815) Mounting Hole Signal Contact 63,50 (2.500) 24,84 (.978) 2,54(.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF 5,54(.218) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 2,80 (.110) 63,50 (2.500) 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF Mounting Hole Signal Contact 5,54(.218) 5,54(.218) 11,05 (.435) 8,28 (.326) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 2,80 (.110) 63,50 (2.500) 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF Mounting Hole Signal Contact 17,96 (.707) PCB Hole Pattern — European 90 ° PC Tails — Receptacle Signal Contact X Recommended PCB Hole X 0,60 (.024) 1,00 (.039) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities C 13W6 7 #20 0 #8 C 17W5 12 #20 0 #8 C 21WA4 17 #20 0 #8 C 25W3 22 #20 0 #8 C 27W2 25 #20 0 #8 5,54(.218) 5,54(.218) 11,05 (.435) 8,28 (.326) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 6,91 (.272) 9,68 (.381) 2,80 (.110) 63,50 (2.500) 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF Mounting Hole Signal Contact 264 |