công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DDMM50SW bảng dữ liệu(PDF) 209 Page - ITT Industries

tên linh kiện DDMM50SW
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DDMM50SW bảng dữ liệu(HTML) 209 Page - ITT Industries

Back Button DDMM50SW Datasheet HTML 205Page - ITT Industries DDMM50SW Datasheet HTML 206Page - ITT Industries DDMM50SW Datasheet HTML 207Page - ITT Industries DDMM50SW Datasheet HTML 208Page - ITT Industries DDMM50SW Datasheet HTML 209Page - ITT Industries DDMM50SW Datasheet HTML 210Page - ITT Industries DDMM50SW Datasheet HTML 211Page - ITT Industries DDMM50SW Datasheet HTML 212Page - ITT Industries DDMM50SW Datasheet HTML 213Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
208
D Subminiature Accessories
Locking Hardware
Male Screw Lock
Shell Size
Part
Number
A
±0,38 (.015)
B
±0,25 (.010)
C
±0,13 (.005)
DE, DA, DB, DC
D20419
14,10 (.555)
6,35 (.250)
1,22 (.048)
DE, DA, DB, DC
D20419-18
14,10 (.555)
7,14 (.281)
1,70 (.067)
DE, DA, DB, DC
D20419-21
14,10 (.555)
7,14 (.281)
2,34 (.092)
DE, DA, DB, DC
D20419-104
14,10 (.555)
7,92 (.312)
2,34 (.092)
DD
D20420
16,66 (.656)
6,35 (.250)
1,22 (.048)
DD
D20420-13
16,66 (.656)
7,14 (.281)
1,70 (.067)
DD
D20420-15
16,66 (.656)
7,14 (.281)
2,34 (.092)
DD
D20420-86
16,66 (.656)
7,92 (.312)
2,34 (.092)
B
SCREW
#4-40 UNC-2A THD
C
CLIP GAP
A
CLIP
Screw Lock Assemblies
SCREW
CLIP
WITH
THD
NUT
WASHER
LOCK
WASHER
HEX NUT
MOUNTING
PANEL
D SUBMINIATURE
CONNECTOR
PIN OR SOCKET
D SUBMINIATURE
CONNECTOR
PIN OR SOCKET
ITT Cannon offers the largest variety of locking and
latching hardware.
Refer to the accessories selection guide on pages
198-199 for use with ITT Cannon backshells.
Product Features
Ensures positive mating
Provides locking and latching for high
vibration applications
Kit consists of 1 screw and 1 clip
Order 2 per connector
Material:
Steel
Finish:
Yellow Chromate over
Cadmium or Zinc
Front Panel Mount
Rear Panel Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More