công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DDMM50SW bảng dữ liệu(PDF) 167 Page - ITT Industries

tên linh kiện DDMM50SW
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DDMM50SW bảng dữ liệu(HTML) 167 Page - ITT Industries

Back Button DDMM50SW Datasheet HTML 163Page - ITT Industries DDMM50SW Datasheet HTML 164Page - ITT Industries DDMM50SW Datasheet HTML 165Page - ITT Industries DDMM50SW Datasheet HTML 166Page - ITT Industries DDMM50SW Datasheet HTML 167Page - ITT Industries DDMM50SW Datasheet HTML 168Page - ITT Industries DDMM50SW Datasheet HTML 169Page - ITT Industries DDMM50SW Datasheet HTML 170Page - ITT Industries DDMM50SW Datasheet HTML 171Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
166
D Subminiature
Military/High Reliability
Cable Solder Cup
Plug
Reader’s Resource
For contact cavity arrangements,
see page 222.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
Part Numbers
Shell Size
Layout
Through Hole
Dual
Float Mount
Clinch Nut
#4-40 UNC
DE
5W1
DEMM5W1P
DEMMY5W1P
DEMME5W1P
DA
7W2
DAMM7W2P
DAMMY7W2P
DAMME7W2P
DA
11W1
DAMM11W1P
DAMMY11W1P
DAMME11W1P
DA
3W3
DAMM3W3P
DAMMY3W3P
DAMME3W3P
DA
3WK3
DAMM3WK3P
DAMMY3WK3P
DAMME3WK3P
DB
5W5
DBMMP5W5P
DBMMY5W5P
DBMME5W5P
DB
9W4
DBMM9W4P
DBMMY9W4P
DBMME9W4P
DB
13W3
DBMM13W3P
DBMMY13W3P
DBMME13W3P
DB
17W2
DBMM17W2P
DBMMY17W2P
DBMME17W2P
DB
21W1
DBMM21W1P
DBMMY21W1P
DBMME21W1P
DC
8W8
DCMM8W8P
DCMMY8W8P
DCMME8W8P
DC
13W6
DCMM13W6P
DCMMY13W6P
DCMME13W6P
DC
17W5
DCMM17W5P
DCMMY17W5P
DCMME17W5P
DC
21WA4
DCMM21WA4P
DCMMY21WA4P
DCMME21WA4P
DC
25W3
DCMM25W3P
DCMMY25W3P
DCMME25W3P
DC
27W2
DCMM27W2P
DCMMY27W2P
DCMME27W2P
DD
24W7
DDMM24W7P
DDMMY24W7P
DDMME24W7P
DD
36W4
DDMM36W4P
DDMMY36W4P
DDMME36W4P
DD
43W2
DDMM43W2P
DDMMY43W2P
DDMME43W2P
DD
47W1
DDMM47W1P
DDMMY47W1P
DDMME47W1P
Note:
Keyed.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
K
±0,317 (.0125)
K
±0,25 (.010)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
Engaging Face
DD Configuration
10
°
E
D
A
B
Ø 3,05
(.120)
C
10,72 (.422)
MAX
L
K
2,84
(.112)
5,69
(.224)
F
W
2,84
(.112)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More