| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DCMM37SW bảng dữ liệu(PDF) 163 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DCMM37SW bảng dữ liệu(HTML) 163 Page - ITT Industries |
|
163 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 162 D Subminiature Military/High Reliability High Voltage Straight PCB (Sizes DE-DC) Part Numbers with Standoff #4-40 UNC Shell Size Layout Part Number Without Screw Locks Without Boardlocks Part Number Without Screw Locks With Boardlocks Part Number With Screw Locks With Boardlocks DE 5W1 DEMMV5V1PN DEMMZ5V1PN DEMMN5V1PN DA 7W2 DAMMV7V2PN DAMMZ7V2PN DAMMN7V2PN DA 11W1 DAMMV11V1PN DAMMZ11V1PN DAMMN11V1PN DA 3W3 DAMMV3V3PN DAMMZ3V3PN DAMMN3V3PN DA 3WK3 DAMMV3VK3PNTM DAMMZ3VK3PNTM DAMMN3VK3PNTM DB 5W5 DBMMV5V5PN DBMMZ5V5PN DBMMN5V5PN DB 9W4 DBMMV9V4PN DBMMZ9V4PN DBMMN9V4PN DB 13W3 DBMMV13V3PN DBMMZ13V3PN DBMMN13V3PN DB 17W2 DBMMV17V2PN DBMMZ17V2PN DBMMN17V2PN DB 21W1 DBMMV21V1PN DBMMZ21V1PN DBMMN21V1PN DC 8W8 DCMMV8V8PN DCMMZ8V8PN DCMMN8V8PN DC 13W6 DCMMV13V6PN DCMMZ13V6PN DCMMN13V6PN DC 17W5 DCMMV17V5PN DCMMZ17V5PN DCMMN17V5PN DC 21WA4 DCMMV21VA4PN DCMMZ21VA4PN DCMMN21VA4PN DC 25W3 DCMMV25V3PN DCMMZ25V3PN DCMMN25V3PN DC 27W2 DCMMV27V2PN DCMMZ27V2PN DCMMN27V2PN Notes: For DD shell size, see page 164. Keyed. Dimensions Plug Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,37 (.015) W ±0,41 (.016) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,69 (.264) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,69 (.264) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) Plug Engaging Face Hardware and high voltage contact removed for clarity Reader’s Resource For contact cavity arrangements, see page 222. For P.C. hole patterns, see pages 254-255. For panel cutouts, see page 221. For hardware views (Standard), see page 226. 10 ° A C E D B 4,52 (.178) 7,62 ± 0,25 (.300 ± .010) Ø 0,76 (.030) BOARDLOCK 2,92 (.115) 6,50 ± 0,25 (.256 ± .010) SCREW LOCK #4-40 UNC STANDOFF #4-40 UNC F W 2,84 (.112) L |