công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DCMM37SW bảng dữ liệu(PDF) 179 Page - ITT Industries

tên linh kiện DCMM37SW
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DCMM37SW bảng dữ liệu(HTML) 179 Page - ITT Industries

Back Button DCMM37SW Datasheet HTML 175Page - ITT Industries DCMM37SW Datasheet HTML 176Page - ITT Industries DCMM37SW Datasheet HTML 177Page - ITT Industries DCMM37SW Datasheet HTML 178Page - ITT Industries DCMM37SW Datasheet HTML 179Page - ITT Industries DCMM37SW Datasheet HTML 180Page - ITT Industries DCMM37SW Datasheet HTML 181Page - ITT Industries DCMM37SW Datasheet HTML 182Page - ITT Industries DCMM37SW Datasheet HTML 183Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
178
D Subminiature
Space/High Reliability
90
° Solder Termination (Machined) with Metal Bracket — European Footprint 10,2 or 9,4
mm
Plug
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 273.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
Engaging Face
DD Configuration
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0.38 (.015)
F
±0.25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
N
±0,15 (.006)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
10,7 (.42)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
10,7 (.42)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
10,7 (.42)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
10,7 (.42)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
12,1 (.48)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
C
B
10
°
A
D
Ø 0,60 (.024)
E
1,00
(.039)
L
5,08 (.200)
2,54 (.100)
9,40 (.370)
3,70 (.146)
2,54 (.100)
9,40 (.370)
W
F
3,70 (.146)
Part Numbers
Shell Size
Layout
Metal Bracket
Threaded Insert #4-40
Metal Bracket
Threaded Insert M3
DE
9
DEM9PNM*1A7N
DEM9PNM*1A9N
DA
15
DAM15PNM*1A7N
DAM15PNM*1A9N
DB
25
DBM25PNM*1A7N
DBM25PNM*1A9N
DC
37
DCM37PNM*1A7N
DCM37PNM*1A9N
DD
50
DDM50PNM*1A7N
DDM50PNM*1A9N
Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9PNMB1A7N
For shells with 50 microinches gold, add K52. Example: DEM9PNM1A7NK52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More