| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBMM25SW bảng dữ liệu(PDF) 134 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25SW bảng dữ liệu(HTML) 134 Page - ITT Industries |
|
134 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 133 D Subminiature Military/High Reliability 90 ° PC Tail with Plastic Bracket Part Numbers Military Part Numbers X Y X Y 0,76 (.030) 1,02 (.040) Shell XXXXXX Size Layout 3,23 (.127) 4,01 (.158) 4,65 (.183) 3,23 (.127) 4,01 (.158) 4,65 (.183) DE 9 DEMM9SD DEMM9SL DEMM9SS DEMM9SA DEMM9SG DEMM9SW DA 15 DAMM15SD DAMM15SL DAMM15SS DAMM15SA DAMM15SG DAMM15SW DB 25 DBMM25SD DBMM25SL DBMM25SS DBMM25SA DBMM25SG DBMM25SW DC 37 DCMM37SD DCMM37SL DCMM37SS DCMM37SA DCMM37SG DCMM37SW DD 50 DDMM50SD DDMM50SL DDMM50SS DDMM50SA DDMM50SG DDMM50SW Commercial Part Numbers X Y X Y 0,76 (.030) 1,02 (.040) Shell XXXXXX Size Layout 3,23 (.127) 4,01 (.158) 4,65 (.183) 3,23 (.127) 4,01 (.158) 4,65 (.183) DE 9 DEM9SD DEM9SL DEM9SS DEM9SA DEM9SG DEM9SW DA 15 DAM15SD DAM15SL DAM15SS DAM15SA DAM15SG DAM15SW DB 25 DBM25SD DBM25SL DBM25SS DBM25SA DBM25SG DBM25SW DC 37 DCM37SD DCM37SL DCM37SS DCM37SA DCM37SG DCM37SW DD 50 DDM50SD DDM50SL DDM50SS DDM50SA DDM50SG DDM50SW D A C B E 10 ° Ø Y Ø 3,05 (.120) N M 2,84 (.112) F W 7,18 ± 0,25 (.283 ± .010) X ± 0,69 (.027) X ± 0,69 (.027) 2,84 (.112) 5,68 (.224) 7,18 ± 0,25 (.283 ± .010) L Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) L ±0,25 (.010) M ±0,25 (.010) N ±0,13 (.005) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) 12,30 (.484) 8,64 (.340) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) 12,30 (.484) 8,64 (.340) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) 12,30 (.484) 8,64 (.340) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) 12,30 (.484) 8,64 (.340) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 0,76 (.030) 15,09 (.594) 10,04 (.395) Receptacle Engaging Face DD Configuration Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 272. For panel cutouts, see page 221. |