| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEMM9PD bảng dữ liệu(PDF) 270 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMM9PD bảng dữ liệu(HTML) 270 Page - ITT Industries |
|
270 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change PCB Hole Pattern — Standard/European Straight PC Tails — Receptacle 5,49 (.216) 5,49 (.216) 8,23 (.324) Mounting Hole Signal Contact 25,00 (.984) 2,84 (.112) 33,32 (1.312) 5,49(.216) Mounting Hole Signal Contact 2,74 (.108) 2,84 (.112) 5,49 (.216) 5,49 (.216) 33,32 (1.312) 8,23 (.324) 8,23 (.324) 8,23 (.324) 9,60 (.378) 6,86 (.270) 6,86 (.270) 9,60 (.378) Mounting Hole Signal Contact 2,84 (.112) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,84 (.112) 4,14 (.163) 47,04 (1.852) 5,54(.218) 8,28 (.326) 5,54(.218) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,80 (.110) 2,84 (.112) 4,14 (.163) 47,04 (1.852) 5,54(.218) 5,54(.218) 8,28 (.326) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,80 (.110) 2,84 (.112) 47,04 (1.852) 5,54(.218) 5,54(.218) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 8,28 (.326) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,84 (.112) 47,04 (1.852) E 5W1 4 #20 0 #8 A 7W2 5 #20 0 #8 A 11W1 10 #20 0 #8 B 9W4 5 #20 0 #8 B 13W3 10 #20 0 #8 B 17W2 15 #20 0 #8 B 21W1 20 #20 0 #8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Signal Contact X Recommended PCB Hole X 0,60 (.024) 1,00 (.039) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) 269 |