| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEMM9PD bảng dữ liệu(PDF) 264 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMM9PD bảng dữ liệu(HTML) 264 Page - ITT Industries |
|
264 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change PCB Hole Pattern — European 90 ° PC Tails — Receptacle REAR FLANGE REF 10,90 (.429) 2,54(.100) 9,40 (.370) REAR FLANGE REF 5,49(.216) 5,49(.216) 8,23 (.324) Mounting Hole Signal Contact 25,00 (.984) Mounting Hole Signal Contact 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF 2,74 (.108) 5,49(.216) 33,32 (1.312) Mounting Hole Signal Contact 2,54(.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF 8,23 (.324) 6,86 (.270) 9,60 (.378) 6,86 (.270) 9,60 (.378) 5,49(.216) 5,49(.216) 8,23 (.324) 8,23 (.324) 33,32 (1.312) 5,54(.218) 5,54(.218) 8,28 (.326) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,80 (.110) 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF 47,04 (1.852) 5,54(.218) 5,54(.218) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 8,28 (.326) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF 47,04 (1.852) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 9,40 (.370) 10,90 (.429) REAR FLANGE REF 5,54(.218) 4,14 (.163) 2,80 (.110) 2,54 (.100) 47,04 (1.852) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 9,40 (.370) 10,90 (.429) REAR FLANGE REF 4,14 (.163) 2,54 (.100) 47,04 (1.852) E 5W1 4 #20 0 #8 A 7W2 5 #20 0 #8 A 11W1 10 #20 0 #8 B 9W4 5 #20 0 #8 B 13W3 10 #20 0 #8 B 17W2 15 #20 0 #8 B 21W1 20 #20 0 #8 Signal Contact X Recommended PCB Hole X 0,60 (.024) 1,00 (.039) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities 263 |