| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEMM9PD bảng dữ liệu(PDF) 241 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMM9PD bảng dữ liệu(HTML) 241 Page - ITT Industries |
|
241 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change PCB Hole Pattern — Standard/European Coaxial Straight — Plug D 24W7 17 #20 7 #8 D 36W4 32 #20 4 #8 D 43W2 41 #20 2 #8 D 47W1 46 #20 1#8 2,84 (.112) 5,54(.218) 5,54(.218) 61,12 (2.406) 2,84 (.112) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 2,84 (.112) 20,57 (.810) 2,54 (.100) 2,54 (.100) 3,96 (.156) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 13,72 (.540) 6,86 (.270) 4,14 (.163) 20,57 (.810) Mounting Hole Signal Contact Coax Contact 2,84 (.112) 5,54(.218) 5,54(.218) 61,12 (2.406) 2,84 (.112) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 2,80 (.110) 8,28 (.326) 20,57 (.810) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 2,54 (.100) 2,54 (.100) 3,96 (.156) 12,42 (.489) 15,19 (.598) 17,96 (.707) 20,70 (.815) 6,91 (.272) 9,68 (.381) Mounting Hole Coax Contact Signal Contact Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Signal Contact X Recommended PCB Hole X 0,60 (.024) 1,00 (.039) 0,76 (.030) 1,14 (.045) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) Size 8 Contact Type Recommended PCB Hole X Coaxial (C or X) 1,14 (.045) 240 |