công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEMM9PD bảng dữ liệu(PDF) 168 Page - ITT Industries

tên linh kiện DEMM9PD
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9PD bảng dữ liệu(HTML) 168 Page - ITT Industries

Back Button DEMM9PD Datasheet HTML 164Page - ITT Industries DEMM9PD Datasheet HTML 165Page - ITT Industries DEMM9PD Datasheet HTML 166Page - ITT Industries DEMM9PD Datasheet HTML 167Page - ITT Industries DEMM9PD Datasheet HTML 168Page - ITT Industries DEMM9PD Datasheet HTML 169Page - ITT Industries DEMM9PD Datasheet HTML 170Page - ITT Industries DEMM9PD Datasheet HTML 171Page - ITT Industries DEMM9PD Datasheet HTML 172Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
167
D Subminiature
Military/High Reliability
Cable Solder Cup
Receptacle
Reader’s Resource
For contact cavity arrangements,
see page 223.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
Part Numbers
Shell Size
Layout
Through Hole
Dual
Float Mount
Clinch Nut
#4-40 UNC
DE
5W1
DEMM5W1S
DEMMY5W1S
DEMME5W1S
DA
7W2
DAMM7W2S
DAMMY7W2S
DAMME7W2S
DA
11W1
DAMM11W1S
DAMMY11W1S
DAMME11W1S
DA
3W3
DAMM3W3S
DAMMY3W3S
DAMME3W3S
DA
3WK3
DAMM3WK3S
DAMMY3WK3S
DAMME3WK3S
DB
5W5
DBMM5W5S
DBMMY5W5S
DBMME5W5S
DB
9W4
DBMM9W4S
DBMMY9W4S
DBMME9W4S
DB
13W3
DBMM13W3S
DBMMY13W3S
DBMME13W3S
DB
17W2
DBMM17W2S
DBMMY17W2S
DBMME17W2S
DB
21W1
DBMM21W1S
DBMMY21W1S
DBMME21W1S
DC
8W8
DCMM8W8S
DCMMY8W8S
DCMME8W8S
DC
13W6
DCMM13W6S
DCMMY13W6S
DCMME13W6S
DC
17W5
DCMM17W5S
DCMMY17W5S
DCMME17W5S
DC
21WA4
DCMM21WA4S
DCMMY21WA4S
DCMME21WA4S
DC
25W3
DCMM25W3S
DCMMY25W3S
DCMME25W3S
DC
27W2
DCMM27W2S
DCMMY27W2S
DCMME27W2S
DD
24W7
DCMM24W7S
DCMMY24W7S
DCMME24W7S
DD
36W4
DCMM36W4S
DCMMY36W4S
DCMME36W4S
DD
43W2
DCMM43W2S
DCMMY43W2S
DCMME43W2S
DD
47W1
DCMM47W1S
DCMMY47W1S
DCMME47W1S
Note:
Keyed.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
K
±0,318 (.0125)
L
±0,25 (.010)
DE
30,81 (1.123)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
Engaging Face
DD Configuration
A
C
B
E
D
Ø 3,05
(.120)
10
°
9,91 (.390)
MAX
K
L
5,69
(.224)
2,84
(.112)
2,84 (.112)
F
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More