| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM51155 bảng dữ liệu(PDF) 194 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DM51155 bảng dữ liệu(HTML) 194 Page - ITT Industries |
|
194 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 193 D Subminiature Space/High Reliability Short Straight Clamp Kit consists of 1 shell, 2 or 3 screws, 2 or 3 hex nuts B F E CABLE ENTRY 2X Ø 3,05 (.120) A C G 0,38 ± 0,13 (.015 ± .005) 12,30 ± 0,38 (.484 ± .015) Shell Size Layout Part Number Non-Magnetic No. of Cable Locking Screws Included A ±0,38 (.015) B ±0,38 (.015) C ±0,13 (.005) E ±0,38 (.015) F ±0,38 (.015) G ±0,89 (.035) DA 15 DA19678-167 2 38,88 (1.531) 12,70 (.500) 33,33 (1.312) 7,51 (.296) 7,93 (.312) 16,36 (.644) DB 25 DB19678-168 2 52,78 (2.078) 12,70 (.500) 47,04 (1.852) 7,51 (.296) 20,22 (.796) 16,36 (.644) DC 37 DC19678-138 3 69,04 (2.718) 12,70 (.500) 63,50 (2.500) 7,51 (.296) 17,45 (.687) 16,36 (.644) DD 50 DD19678-161 3 66,68 (2.625) 15,47 (.609) 61,11 (2.406) 9,91 (.390) 17,45 (.687) 17,63 (.694) 90 ° Entry Kit consists of 1 shell, 1 cable clamp, 1 screw, 1 nut, 2 rivnuts (assembled) #4-40 UNC-2B THD 2X MOUNTING HOLES A B C G H E CABLE ENTRY F CABLE ENTRY 2,77 ± 0,25 (.109 ± .010) Shell Size Layout Part Number Non-Magnetic A ±0,38 (.015) B ±0,76 (.030) C ±0,13 (.005) E ±0,76 (.030) F ±0,76 (.030) G ±0,76 (.030) H ±0,76 (.030) DE 9 DE19977-47 30,56 (1.203) 18,24 (.718) 24,99 (.984) 11,10 (.437) 11,10 (.437) 11,89 (.468) 7,14 (.281) DA 15 DA19977-40 38,89 (1.531) 18,24 (.718) 33,33 (1.312) 11,10 (.437) 11,10 (.437) 11,89 (.468) 7,14 (.281) DB 25 DB19977-43 52,78 (2.078) 24,58 (.968) 47,04 (1.852) 11,10 (.437) 15,88 (.625) 11,89 (.468) 7,14 (.281) DC 37 DC19977-45 69,04 (2.718) 30,15 (1.187) 63,50 (2.500) 11,10 (.437) 20,63 (.812) 11,89 (.468) 7,14 (.281) DD 50 DD19977-44 66,68 (2.625) 31,75 (1.250) 61,11 (2.406) 14,28 (.562) 23,01 (.906) 13,49 (.531) 8,71 (.343) |