công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM130340 bảng dữ liệu(PDF) 178 Page - ITT Industries

tên linh kiện DM130340
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DM130340 bảng dữ liệu(HTML) 178 Page - ITT Industries

Back Button DM130340 Datasheet HTML 174Page - ITT Industries DM130340 Datasheet HTML 175Page - ITT Industries DM130340 Datasheet HTML 176Page - ITT Industries DM130340 Datasheet HTML 177Page - ITT Industries DM130340 Datasheet HTML 178Page - ITT Industries DM130340 Datasheet HTML 179Page - ITT Industries DM130340 Datasheet HTML 180Page - ITT Industries DM130340 Datasheet HTML 181Page - ITT Industries DM130340 Datasheet HTML 182Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
177
D Subminiature
Space/High Reliability
90
° Solder Contact PCB Connector — European Footprint
Receptacle
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 273.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
Part Numbers
Shell Size
Layout
Through Hole
Dual Float Mount
DE
9
DEM9SNM*1AON
DEMY9SNM*1AON
DA
15
DAM15SNM*1AON
DAMY15SNM*1AON
DB
25
DBM25SNM*1AON
DBMY25SNM*1AON
DC
37
DCM37SNM*1AON
DCMY37SNM*1AON
DD
50
DDM50SNM*1AON
DDMY50SNM*1AON
Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9SNMB1AON
For shells with 50 microinches gold, add K52. Example: DEM9SNM1AONK52
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
K
±0,318 (.0125)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD Configuration
Engaging Face
10
°
A
C
E
D
B
Ø 0,60
(.024)
Ø 3,05
(.120)
2,54
(.100)
9,40
± 0,20
(.370
± .008)
K
L
5,08
(.200)
5,00
(.197)
2,54
(.100)
9,40
± 0,20
(.370
± .008)
W
F
5,00
(.197)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More