| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8326 bảng dữ liệu(PDF) 162 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8326 bảng dữ liệu(HTML) 162 Page - Wolfson Microelectronics plc |
|
162 / 255 page ![]() WM8326 Production Data w PD, June 2012, Rev 4.0 162 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R16411 (401Bh) Interrupt Status 3 Mask 9 IM_UV_LDO10 _EINT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 8 IM_UV_LDO9_ EINT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 7 IM_UV_LDO8_ EINT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 6 IM_UV_LDO7_ EINT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 5 IM_UV_LDO6_ EINT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 4 IM_UV_LDO5_ EINT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 3 IM_UV_LDO4_ EINT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 2 IM_UV_LDO3_ EINT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 1 IM_UV_LDO2_ EINT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 0 IM_UV_LDO1_ EINT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) Register 401Bh Interrupt Status 3 Mask REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R16412 (401Ch) Interrupt Status 4 Mask 9 IM_HC_DC2_E INT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 8 IM_HC_DC1_E INT 1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. |