công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC56EL54X bảng dữ liệu(PDF) 138 Page - STMicroelectronics

tên linh kiện SPC56EL54X
Giải thích chi tiết về linh kiện  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL54X bảng dữ liệu(HTML) 138 Page - STMicroelectronics

Back Button SPC56EL54X Datasheet HTML 134Page - STMicroelectronics SPC56EL54X Datasheet HTML 135Page - STMicroelectronics SPC56EL54X Datasheet HTML 136Page - STMicroelectronics SPC56EL54X Datasheet HTML 137Page - STMicroelectronics SPC56EL54X Datasheet HTML 138Page - STMicroelectronics SPC56EL54X Datasheet HTML 139Page - STMicroelectronics SPC56EL54X Datasheet HTML 140Page - STMicroelectronics SPC56EL54X Datasheet HTML 141Page - STMicroelectronics SPC56EL54X Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 160 page
background image
Electrical characteristics
SPC56XL60/54
138/160
Doc ID 15457 Rev 8
Figure 31. DSPI classic SPI timing — master, CPHA = 0
12
tHO
D
Data hold time for outputs
Master (MTFE = 0)
–2
—
ns
Slave
6
—
Master (MTFE = 1, CPHA = 0)
6
—
Master (MTFE = 1, CPHA = 1)
–2
—
1.
Slave Receive Only Mode can operate at a maximum frequency of 60 MHz. In this mode, the DSPI can receive data on
SIN, but no valid data is transmitted on SOUT.
Table 40.
DSPI timing (continued)
No.
Symbol
Parameter
Conditions
Min
Max
Unit
Data
Last Data
First Data
First Data
Data
Last Data
SIN
SOUT
PCSx
SCK Output
4
9
12
1
11
10
4
SCK Output
(CPOL=0)
(CPOL=1)
3
2
The numbers shown are referenced in Table 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More