| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CXD3003R bảng dữ liệu(PDF) 133 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3003R bảng dữ liệu(HTML) 133 Page - Sony Corporation |
|
133 / 137 page ![]() – 133 – CXD3003R TRK Servo Gain up 2; Fs = 88.2kHz, during quasi double accuracy (Ex.: $3EX5X0) K3B K3A 80H K3D Z–1 K39 Z–1 7FH K38 81H Z–1 M0C M0B 2–7 2–7 M0D M0E Z–1 K3E K23 TRK AUTO Gain TRK PWM 27 TRK JMP M0F 2–1 K19 DFCT TRK Hold Reg TRK In Reg K36 K37 2–7 2–7 K3C 2–7 ∗ ∗ ∗ ∗ 81H, 7FH and 80H are each Hex display 8-bit fixed values when set to quasi double accuracy. Note) Set the MSB bit of the K39 and K3B coefficients during normal operation, and of the K36, K37 and K3C coefficients during quasi double accuracy to 0. |