công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMPM373FWDUG bảng dữ liệu(PDF) 2 Page - Toshiba Semiconductor

tên linh kiện TMPM373FWDUG
Giải thích chi tiết về linh kiện  32-Bit Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM373FWDUG bảng dữ liệu(HTML) 2 Page - Toshiba Semiconductor

  TMPM373FWDUG Datasheet HTML 1Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 2Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 3Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 4Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 5Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 6Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 7Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 8Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Operating
Frequency
MHz
20
40
60
100
150
200
300
100 to 150 MHz
++: Planning
CortexTM-A9++
ARM-Future
Cortex-Next
M370 Group
M340 Group
M330 Group
M390 Group
TX03 Series (ARM CortexTM-M3)
M320 Group
TX09 Series (ARM926EJ-STM)
A910 Group
A900 Group
M350 Group
M360 Group
M380 Group
Industry’s highest code density
Thumb®-2 ISA with 32-bit and 16-bit instructions
Programmers can create software without being
concerned about ARM and Thumb codes.
Ideal for real-time control
Instructions with long execution times can be
suspended or canceled via interrupts.
The hardware automatically pushes registers onto stack.
High capacity and low power consumption
Allows embedding of industry’s highest-capacity memory.
Combines fast programming with low power consumption.
High
Code
Density
Fast
Interrupt
Response
The ICE pins do not require a pull-up resistor.
The ARM CortexTM-M3 operates from a single
5-V supply.
(M370 and M380 Groups)
Features
Unique to
Toshiba
TX03 Series
On-Chip
High-Capacity
Memory
Independent
RTC
High-Accuracy
ADC and
DAC
Hardware
CEC
Controller
Multiple
Serial
Interfaces
Multiple-
Purpose
Timers
Hardware
Vector
Control
ARM Core Ideal for
Embedded Applications
ARM CortexTM-M3
Vector
Engine
Home
Appliances
Connectivity
AV Link
Mobile
DSC
Car Audio
Car
NANO
FLASHTM
ARM CortexTM-M3 core
De facto standard
The best-proven HW/SW development environment and
support services
M370 Group
M380 Group
M360 Group
M330 Group
M390 Group
M340 Group
USB Host
Controller
A-PMD
CAN
M320 Group
M350 Group
ARM CortexTM-M3
CPU
Features of the TX03 Series
Roadmap for ARM Core-Based Microcontrollers
Microcontrollers with an ARM core are becoming increasingly popular not only for cell phone applications but also for
general-purpose applications. Toshiba is the first Japanese vendor to release general-purpose microcontrollers with an
ARM CortexTM-M3 core. Our product lineup includes microcontrollers with a broad spectrum of peripherals.
The TX03 microcontroller series embeds an ARM CortexTM-M3 core, which provides high code density and fast interrupt
response times required for real-time applications. The TX03 Series also incorporates a Toshiba-proprietary NANO FLASHTM
memory featuring high capacity and low power consumption.
ARM Core-Based Microcontrollers Proven in the Global Market
Note: System block diagrams in this
brochure only show the typical
application examples.
NANO FLASH is a trademark of Toshiba
Corporation.
ARM, Cortex, Thumb and ARM926EJ-S
are trademarks or registered trademarks of
ARM Limited in the EU and other countries.
M350 Group (for Automotive Applications)........ 12
M320 Group (for Audio Applications) ................ 13
Development Environment ....................... 14 to 15
Third-Party Development Support Tools ... 16 to 18
TX03 Series Product Lineup.............................. 19
Toshiba’s ARM Core-Based
Microcontroller Lineup ...............................20 to 23
Toshiba’s ARM Core-Based Microcontrollers ... 2 to 3
M330 Group............................................................ 4
M340 Group............................................................ 5
M360 Group..................................................... 6 to 7
M370 Group..................................................... 8 to 9
M380 Group.......................................................... 10
M390 Group.......................................................... 11
CONTENTS
Toshiba’s ARM Core-Based Microcontrollers
2


Số phần tương tự - TMPM373FWDUG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TRACO Electronic AG
TMPM-04 TRACOPOWER-TMPM-04 Datasheet
1Mb / 9P
TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04103 TRACOPOWER-TMPM-04103 Datasheet
1Mb / 9P
TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04105 TRACOPOWER-TMPM-04105 Datasheet
1Mb / 9P
TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04109 TRACOPOWER-TMPM-04109 Datasheet
1Mb / 9P
TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04112 TRACOPOWER-TMPM-04112 Datasheet
1Mb / 9P
TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
More results

Mô tả tương tự - TMPM373FWDUG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
fujitsu semiconductor
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
32-bit Microcontrollers
logo
fujitsu semiconductor
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
32-bit Microcontrollers
logo
ATMEL Corporation
AT91SC512384-8M ATMEL-AT91SC512384-8M Datasheet
145Kb / 3P
32-bit Secure Microcontrollers
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
32-bit Secure Microcontrollers
logo
fujitsu semiconductor
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
32-bit Microcontrollers
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
32-bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
32-bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
32-bit microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com