công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMPM373FWDUG bảng dữ liệu(PDF) 6 Page - Toshiba Semiconductor

tên linh kiện TMPM373FWDUG
Giải thích chi tiết về linh kiện  32-Bit Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM373FWDUG bảng dữ liệu(HTML) 6 Page - Toshiba Semiconductor

Back Button TMPM373FWDUG Datasheet HTML 2Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 3Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 4Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 5Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 6Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 7Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 8Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 9Page - Toshiba Semiconductor TMPM373FWDUG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Scanner
Display Control
Section
Engine Control
Section
Option Control
Section
High-speed serial interfaces
LCD controller
LCD data accelerator
10-bit AD converter
Various timers/counters
Various serial interfaces
Large capacity Flash
High performance and low power
consumption
Various timers/counters
Large capacity Flash
Display Control MCU
ADF
Finisher/Sorter
Features
Large capacity
paper cassette
Features
LCD Display Section
TX09
Engine Control Section
TX03
Option Control Section
TX03
TMPA910CR
TMPA912CM
TMPA901CM
TMPM362F10
TMPM369FD
TMPM367FD
TMPM361F10
TMPM330FD
TMPM333FD
Engine Control MCU
Option Control MCU
Features
Printers
AV systems
Digital appliances
PC peripherals
Industrial equipment
Networking equipment
Office equipment
**: Under development
The base versions of the M360 Group include microcontrollers that offer large-capacity Flash ROM and up to 18 serial
interface channels. The advanced versions also provide USB, CAN and EtherMAC interfaces, which are becoming de
facto standards in embedded systems, as well as motor control capabilities. The M360 Group are ideal for a wide range
of applications such as multifunction printers, audiovisual systems, industrial equipment and digital appliances.
High-performance ARM CortexTM-M3 core: 80-MHz operation (max)
Large-capacity embedded Flash ROM fabricated using Toshiba-original NANO FLASHTM
technology
Various serial interfaces (up to 18 channels)
USB device, USB host, CAN and EtherMAC controllers suitable for multi-connection
systems
External bus interface that can be connected to SoCs and external extended memory
Multi-purpose timers capable of controlling various motors and IGBTs
CEC interface and remote control signal preprocessor that remain active even in
SLEEP mode
Oscillation frequency detection (OFD)
Small package (9 x 9 mm TFBGA109)
Note: TFBGA package of the TMPM366 and TMPM367 only
Product Lineup
System Block Diagram (Printer)
Part Number
TMPM361F10FG
TMPM362F10FG
TMPM363F10FG
TMPM364F10FG
TMPM366FWFG/XBG **
TMPM366FYFG/XBG
TMPM366FDFG/XBG
TMPM367FWFG/XBG **
TMPM367FYFG/XBG **
TMPM367FDFG/XBG **
1 MB
1 MB
1 MB
1 MB
128 KB
256 KB
512 KB
128 KB
256 KB
512 KB
64 KB
64 KB
64 KB
64 KB
32 KB
48 KB
64 KB
50 KB
66 KB
128 KB
LQFP144 (20 x 20 mm)
TFBGA177 (11 x 11 mm)
LQFP100 (14 x 14 mm)
TFBGA109 (9 x 9 mm)
LQFP100 (14 x 14 mm)
TFBGA109 (9 x 9 mm)
LQFP144 (20 x 20 mm)
LQFP100 (14 x 14 mm)
LQFP144 (20 x 20 mm)
LQFP100 (14 x 14 mm)
ROM (Flash)
Size
RAM
Size
Package
USB 2.0 device and host controller
Dual AD converter
PMD
CAN
EtherMAC
USB 2.0 device controller
Dual AD converter
PMD
USB 2.0 device controller
DMA controller
Full UART
CAN and USB 2.0 host controllers
CAN and USB 2.0 host controllers
CEC interface; remote control signal preprocessor
Up to 18 serial interface channels
CEC interface; remote control signal preprocessor
Features
Features
Application
TMPM369FYFG/XBG **
TMPM369FDFG/XBG **
256 KB
512 KB
66 KB
128 KB
6
M360 Group


Số phần tương tự - TMPM373FWDUG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TRACO Electronic AG
TMPM-04 TRACOPOWER-TMPM-04 Datasheet
1Mb / 9P
TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04103 TRACOPOWER-TMPM-04103 Datasheet
1Mb / 9P
TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04105 TRACOPOWER-TMPM-04105 Datasheet
1Mb / 9P
TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04109 TRACOPOWER-TMPM-04109 Datasheet
1Mb / 9P
TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04112 TRACOPOWER-TMPM-04112 Datasheet
1Mb / 9P
TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
More results

Mô tả tương tự - TMPM373FWDUG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
fujitsu semiconductor
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
32-bit Microcontrollers
logo
fujitsu semiconductor
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
32-bit Microcontrollers
logo
ATMEL Corporation
AT91SC512384-8M ATMEL-AT91SC512384-8M Datasheet
145Kb / 3P
32-bit Secure Microcontrollers
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
32-bit Secure Microcontrollers
logo
fujitsu semiconductor
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
32-bit Microcontrollers
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
32-bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
32-bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
32-bit microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com