công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF2MMM8 bảng dữ liệu(PDF) 127 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF2MMM8
Giải thích chi tiết về linh kiện  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2MMM8 bảng dữ liệu(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF2MMM8 Datasheet HTML 123Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 124Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 125Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 126Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 127Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 128Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 129Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 130Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 136 page
background image
Document revision history
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Freescale Semiconductor
127
6
Document revision history
Table 41 summarizes revisions to this document.
SPC5643LF2MLQ8
1 MB/128 KB
144 LQFP (Pb free)
80
No FlexRay
–40–125
C
SPC5643LF2MMM8
1 MB/128 KB
257 MAPBGA (Pb free)
80
No FlexRay
–40–125
C
SPC5643LFF2VLQ8
1 MB/128 KB
144 LQFP (Pb free)
80
FlexRay
–40–105
C
SPC5643LFF2VMM8
1 MB/128 KB
257 MAPBGA (Pb free)
80
FlexRay
–40–105
C
SPC5643LF2VLQ8
1 MB/128 KB
144 LQFP (Pb free)
80
No FlexRay
–40–105
C
SPC5643LF2VMM8
1 MB/128 KB
257 MAPBGA (Pb free)
80
No FlexRay
–40–105
C
1 All packaged devices are SPC, rather than MPC or SPC, until product qualifications are complete.
The unpackaged device prefix is PCC, rather than SCC, until product qualification is complete.
Not all configurations are available in the SPC parts.
2 This speed rating does not include the ±2% for frequency modulation.
Table 41. Revision history
Revision
Date
Description of changes
1
2 Mar 2009
Initial release.
2
5 May 2009
Updated, Advance Information.
—Revised SINAD/SNR specifications.
— Updated pinout and pin multiplexing information.
3
5 Oct 2009
Updated, Advance Information, Public release.
— Throughout this document, added information for 257 MAPBGA package.
— Updated Table 1, MPC5643L device summary.
— Updated Section 1.3, Feature Details.
— Updated pin-out and pin multiplexing tables.
— In Section 3, Electrical characteristics, added symbols for signal characterization
methods.
— In Table 8, updated maximum ratings.
— In Table 10 and Table 11, removed moving-air thermal characteristics.
— Updated Section 3.8, Voltage regulator electrical characteristics.
— Updated Section 3.14, ADC electrical characteristics.
— Updated Section 3.15, Flash memory electrical characteristics.
— Updated Section 3.17.1, RESET pin characteristics.
— Removed External interrupt timing (IRQ pin) timing specifications.
— Updated Section 3.17.6, DSPI timing.
— Updated Section 5, Ordering information.
Table 40. Orderable part number summary (continued)
Part number1
Flash/SRAM
Package
Speed
(MHz)2
Other features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com