công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF2MMM8 bảng dữ liệu(PDF) 106 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF2MMM8
Giải thích chi tiết về linh kiện  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2MMM8 bảng dữ liệu(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF2MMM8 Datasheet HTML 102Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 103Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 104Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 105Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 106Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 107Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 108Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 109Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Electrical characteristics
Freescale Semiconductor
106
Table 32. Reset sequence trigger — reset sequence
Reset
Sequence
Trigger
Reset
Sequence
Start
Condition
Reset
Sequence
End
Indication
Reset Sequence
Destructiv
e Reset
Sequence,
BIST
enabled1
1 Whether BIST is executed or not depends on the chip configuration data stored in the shadow sector of the NVM.
Destructiv
e Reset
Sequence,
BIST
disabled1
External
Reset
Sequenc
e Long,
BIST
enabled
Functiona
l Reset
Sequenc
e Long
Functiona
l Reset
Sequenc
e Short
All internal
destructive reset
sources
(LVDs or internal
HVD during
power-up and
during
operation)
Section 3.1
9.4.1,
Destructive
reset
Release of
RESET2
2 End of the internal reset sequence (as specified in Table 31) can only be observed by release of RESET if it is not
held low externally beyond the end of the internal sequence which would prolong the internal reset PHASE3 till
RESET is released externally.
triggers
cannot
trigger
cannot
trigger
cannot
trigger
Assertion of
RESET3
3 The assertion of RESET can only trigger a reset sequence if the device was running (RESET released) before.
RESET does not gate a Destructive Reset Sequence, BIST enabled or a Destructive Reset Sequence, BIST
disabled. However, it can prolong these sequences if RESET is held low externally beyond the end of the internal
sequence (beyond PHASE3).
Section 3.1
9.4.2,
External
reset via
RESET
cannot trigger
triggers4
4 If RESET is configured for long reset (default) and if BIST is enabled via chip configuration data stored in the
shadow sector of the NVM.
triggers5
5 If RESET is configured for long reset (default) and if BIST is disabled via chip configuration data stored in the
shadow sector of the NVM.
triggers6
6 If RESET is configured for short reset
All internal
functional reset
sources
configured for
long reset
Sequence
starts with
internal
reset
trigger
Release of
RESET7
7 Internal reset sequence can only be observed by state of RESET if bidirectional RESET functionality is enabled for
the functional reset source which triggered the reset sequence.
cannot trigger
cannot
trigger
triggers
cannot
trigger
All internal
functional reset
sources
configured for
short reset
cannot trigger
cannot
trigger
cannot
trigger
triggers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com