công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF2MLQ8 bảng dữ liệu(PDF) 134 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF2MLQ8
Giải thích chi tiết về linh kiện  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2MLQ8 bảng dữ liệu(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF2MLQ8 Datasheet HTML 128Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 129Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 130Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 131Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 132Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 133Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 134Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 135Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 136Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 134 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Document revision history
Freescale Semiconductor
134
•In Section 1.5.31, “eTimer module” changed text from “The MPC5643L provides three
eTimer modules on the 257 MAPBGA device, and two eTimer modules on the 144
LQFP package” to “The MPC5643L provides three eTimer modules (on the LQFP
package eTimer_2 is available internally only without any external I/O access)”.
•In Section 3.5, “Electromagnetic Interference (EMI) characteristics”,added additional
information at the end of this section.
•In Section 3.8, Voltage regulator electrical characteristics, added text related to
external ballast transistor.
•In Table 3 and Table 4 (257 MAPBGA pin function summary), moved EVTI from output
function to input function.
•In Table 6 (System pins), changed the direction for EXTAL from “Output Only” to
“Input/Output”.
•InTable 6, added table footnote for symbol “EXTAL”.
• Changed the row (TVdd) in Table 8 (Absolute maximum ratings).
•In Table 8, Maximum value for “VDD_HV_IOX” and “VDD_HV_FLA” changed from “3.6” to
“4.0”.
•In Table 20 (Current consumption characteristics), added max value 250 and 290 mA
for symbol IDD_LV_BIST+IDD_LV_PLL .
• Added five additional RunIDD parameters in Table 20 (Current consumption
characteristics).
•In Table 21 (Temperature sensor electrical characteristics), changed condition for
parameter “Accuracy” from “-40°C to 25°C” to “-40°C to 150°C”
•In Table 23 (FMPLL electrical characteristics),added ‘150’ to the max value for ‘fSCM’ In
Table 24 (RC oscillator electrical characteristics),changes done are:
fRC symbol- Added min value ‘15.04’ and max value ‘16.96’.Removed condition “TJ=25°C”
Removed row containing
RCMVAR symbol.
•In Figure 8, added the name ‘CS’ to the capacitor in the internal circuit scheme.
• Removed references to Cut1 and Cut2:
Renamed Section ”Electromagnetic Interference (EMI) characteristics (cut1)” to
“Electromagnetic Interference (EMI) characteristics” .
In Table 25 (ADC conversion characteristics), removed reference to cut2 only for symbol
‘IS1WINJ’ and ‘TUEIS1WWINJ’.
In Section 1.1, Document overview, modified text to remove references to ‘Cut1’.
•In Table 25 (ADC conversion characteristics), for tCONV added ‘60 MHz’ to ‘conditions’
and ‘600’ to the ‘Min’ value.
Separated SNR into two specifications with conditions Vref 3.3 V and 5.0 V respectively.
Changed min value to ‘-72’ for symbol ‘THD’.
•In Table 25 (ADC conversion characteristics), changed ADC specification parameter
‘THD’ minimum limit from -72 to -65dB.
•In Table 26 (Flash memory program and erase electrical specifications), changes done
are as follows:
TDWPROGRAM, changed typical value from ‘39’ to ‘38’.
TPPROGRAM, changed typical value from ‘48’ to ‘45’ and intial max value from ‘100’ to ‘160’.
T16KPPERASE, inserted typical value ‘270’ and factory avg ‘1000’.
T48KPPERASE, inserted typical value ‘625’ and factory avg ‘1500’.
T64KPPERASE, inserted typical value ‘800’ and factory avg ‘1800’.
T128KPPERASE, inserted typical value ‘1500’ and factory avg ‘2600’.
T256KPPERASE, inserted typical value ‘3000’ and factory avg ‘5200’.
Updated table footnote and removed min column in Table 26 (Flash memory program and
erase electrical specifications)
•In Table 27 (Flash memory timing), added symbol TPSRT ,TESRT and added table
footnote for TPSRT ,TESRT .
Table 41. Revision history (continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com