công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF2MLQ8 bảng dữ liệu(PDF) 102 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF2MLQ8
Giải thích chi tiết về linh kiện  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2MLQ8 bảng dữ liệu(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF2MLQ8 Datasheet HTML 98Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 99Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 100Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 101Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 102Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 103Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 104Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 105Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Electrical characteristics
Freescale Semiconductor
102
Figure 11. Pad output delay
3.19
Reset sequence
This section shows the duration for different reset sequences. It describes the different reset sequences and it specifies the start
conditions and the end indication for the reset sequences.
3.19.1
Reset sequence duration
Table 31 specifies the minimum and the maximum reset sequence duration for the five different reset sequences described in
Section 3.19.2, Reset sequence description.
3
Fast
T
1
—
6
—
—
4
—
—
72
3
—
40
25
1—6—
—
7
—
—
55
7
—
40
50
1—6—
—
12
—
—
40
7
—
40
100
1—6—
—
18
—
—
25
7
—
40
200
4
Symmetric
T
1
—
8
—
—
5
—
—50
3
—25
25
1 Propagation delay from V
DD_HV_IOx/2 of internal signal to Pchannel/Nchannel switch-on condition.
2 Slope at rising/falling edge.
3 Data based on characterization results, not tested in production.
Table 30. Pad AC specifications (3.3 V , IPP_HVE = 0 )1 (continued)
No.
Pad
Tswitchon1
(ns)
Rise/Fall2
(ns)
Frequency
(MHz)
Current slew3
(mA/ns)
Load drive
(pF)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VDDE/2
VOH
VOL
Rising
Edge
Output
Delay
Falling
Edge
Output
Delay
Pad
Data Input
Pad
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com