| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F405VG bảng dữ liệu(PDF) 116 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405VG bảng dữ liệu(HTML) 116 Page - STMicroelectronics |
|
116 / 154 page ![]() Electrical characteristics STM32F405xx, STM32F407xx 116/154 Doc ID 022152 Rev 1 5.3.25 FSMC characteristics Asynchronous waveforms and timings Figure 46 through Figure 49 represent asynchronous waveforms and Table 70 through Table 73 provide the corresponding timings. The results shown in these tables are obtained with the following FSMC configuration: ● AddressSetupTime = 0 ● AddressHoldTime = 1 ● DataSetupTime = 1 Figure 46. Asynchronous non-multiplexed SRAM/PSRAM/NOR read waveforms 1. Mode 2/B, C and D only. In Mode 1, FSMC_NADV is not used. Table 70. Asynchronous non-multiplexed SRAM/PSRAM/NOR read timings(1)(2)(3) Symbol Parameter Min Max Unit tw(NE) FSMC_NE low time TBD TBD ns tv(NOE_NE) FSMC_NEx low to FSMC_NOE low TBD TBD ns tw(NOE) FSMC_NOE low time TBD TBD ns th(NE_NOE) FSMC_NOE high to FSMC_NE high hold time TBD - ns tv(A_NE) FSMC_NEx low to FSMC_A valid - TBD ns th(A_NOE) Address hold time after FSMC_NOE high TBD - ns tv(BL_NE) FSMC_NEx low to FSMC_BL valid - 0 ns |