công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAU1373BCBZ-R7 bảng dữ liệu(PDF) 272 Page - Analog Devices

tên linh kiện ADAU1373BCBZ-R7
Giải thích chi tiết về linh kiện  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 bảng dữ liệu(HTML) 272 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 268Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 269Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 270Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 271Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 272Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 273Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 274Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 275Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 276Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 296 page
background image
ADAU1373
Rev. 0 | Page 272 of 296
EQ1_COEF1_LO REGISTER
Address: 0x83, Reset: 0x00, Name: EQ1_COEF1_LO
Equalizer 1 Coefficient 1 Lower Byte
Table 249. Bit Descriptions for EQ1_COEF1_LO
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ1_COEF1_LO
EQ1 Coefficient. Equalizer 1 Coefficient 1 Lower Byte.
0x00
RW
EQ1_COEF2_HI REGISTER
Address: 0x84, Reset: 0x00, Name: EQ1_COEF2_HI
Equalizer 1 Coefficient 2 Upper Byte
Table 250. Bit Descriptions for EQ1_COEF2_HI
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ1_COEF2_HI
EQ1 Coefficient. Equalizer 1 Coefficient 2 Upper Byte.
0x00
RW
EQ1_COEF2_LO REGISTER
Address: 0x85, Reset: 0x00, Name: EQ1_COEF2_LO
Equalizer 1 Coefficient 2 Lower Byte
Table 251. Bit Descriptions for EQ1_COEF2_LO
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ1_COEF2_LO
EQ1 Coefficient. Equalizer 1 Coefficient 2 Lower Byte.
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More