| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24LR64-R bảng dữ liệu(PDF) 126 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24LR64-R bảng dữ liệu(HTML) 126 Page - STMicroelectronics |
|
126 / 128 page ![]() Application family identifier (AFI) (informative) M24LR64-R 126/128 Doc ID 15170 Rev 10 Appendix C Application family identifier (AFI) (informative) The AFI (application family identifier) represents the type of application targeted by the VCD and is used to extract from all the M24LR64-R present only the M24LR64-R meeting the required application criteria. It is programmed by the M24LR64-R issuer (the purchaser of the M24LR64-R). Once locked, it cannot be modified. The most significant nibble of the AFI is used to code one specific or all application families, as defined in Table 114. The least significant nibble of the AFI is used to code one specific or all application subfamilies. Subfamily codes different from 0 are proprietary. Table 114. AFI coding(1) 1. X = '1' to 'F', Y = '1' to 'F' AFI Most significant nibble AFI Least significant nibble Meaning VICCs respond from Examples / Note ‘0’ ‘0’ All families and subfamilies No applicative preselection ‘X’ '0 'All subfamilies of family X Wide applicative preselection 'X '‘Y’ Only the Yth subfamily of family X ‘0’ ‘Y’ Proprietary subfamily Y only ‘1 '‘0’, ‘Y’ Transport Mass transit, Bus, Airline,... '2 '‘0’, ‘Y’ Financial IEP, Banking, Retail,... '3 '‘0’, ‘Y’ Identification Access Control,... '4 '‘0’, ‘Y’ Telecommunication Public Telephony, GSM,... ‘5’ ‘0’, ‘Y’ Medical '6 '‘0’, ‘Y’ Multimedia Internet services.... '7 '‘0’, ‘Y’ Gaming 8 '‘0’, ‘Y’ Data Storage Portable Files,... '9 '‘0’, ‘Y’ Item Management 'A '‘0’, ‘Y’ Express Parcels 'B '‘0’, ‘Y’ Postal Services 'C '‘0’, ‘Y’ Airline Bags 'D '‘0’, ‘Y’ RFU 'E '‘0’, ‘Y’ RFU ‘F’ ‘0’, ‘Y’ RFU |