| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
70592C bảng dữ liệu(PDF) 208 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
70592C bảng dữ liệu(HTML) 208 Page - Microchip Technology |
|
208 / 314 page ![]() PIC24HJXXXGPX06A/X08A/X10A DS70592C-page 208 © 2011 Microchip Technology Inc. REGISTER 19-31: CiTRBnSTAT: ECAN™ MODULE RECEIVE BUFFER n STATUS (n = 0, 1, ..., 31) U-0 U-0 U-0 R/W-x R/W-x R/W-x R/W-x R/W-x — — — FILHIT<4:0> bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-13 Unimplemented: Read as ‘0’ bit 12-8 FILHIT<4:0>: Filter Hit Code bits (only written by module for receive buffers, unused for transmit buffers) Encodes number of filter that resulted in writing this buffer. bit 7-0 Unimplemented: Read as ‘0’ |