| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1526 bảng dữ liệu(PDF) 161 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1526 bảng dữ liệu(HTML) 161 Page - Microchip Technology |
|
161 / 354 page ![]() 2011 Microchip Technology Inc. Preliminary DS41458A-page 161 PIC16(L)F1526/27 TABLE 16-3: SUMMARY OF REGISTERS ASSOCIATED WITH ADC Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page ADCON0 — CHS<4:0> GO/DONE ADON 155 ADCON1 ADFM ADCS<2:0> — — ADPREF<1:0> 156 ADRESH A/D Result Register High 157, 158 ADRESL A/D Result Register Low 157, 158 ANSELA — — —ANSA4 — ANSA2 ANSA1 ANSA0 121 ANSELB — — ANSB5 ANSB4 ANSB3 ANSB2 ANSB1 ANSB0 124 ANSELD — — — — ANSD3 ANSD2 ANSD1 ANSD0 130 ANSELE — — — — — ANSE2 ANSE1 ANSE0 133 ANSELF ANSF7 ANSF6 ANSF5 ANSF4 ANSF3 ANSF2 ANSF1 ANSF0 136 ANSELG — — — ANSG4 ANSG3 ANSG2 ANSG1 — 139 CCP1CON — — DC1B<1:0> CCP1M<3:0> 197 CCP2CON — — DC2B<1:0> CCP2M<3:0> 197 CCP3CON — — DC3B<1:0> CCP3M<3:0> 197 CCP4CON — — DC4B<1:0> CCP4M<3:0> 197 CCP5CON — — DC5B<1:0> CCP5M<3:0> 197 CCP6CON — — DC6B<1:0> CCP6M<3:0> 197 CCP7CON — — DC7B<1:0> CCP7M<3:0> 197 CCP8CON — — DC8B<1:0> CCP8M<3:0> 197 CCP9CON — — DC9B<1:0> CCP9M<3:0> 197 CCP10CON — — DC10B<1:0> CCP10M<3:0> 197 FVRCON FVREN FVRRDY TSEN TSRNG CDAFVR<1:0> ADFVR<1:0> 146 INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 80 PIE1 TMR1GIE ADIE RC1IE TX1IE SSP1IE CCP1IE TMR2IE TMR1IE 81 PIR1 TMR1GIF ADIF RC1IF TX1IF SSP1IF CCP1IF TMR2IF TMR1IF 85 TRISA TRISA7 TRISA6 TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 120 TRISB TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 123 TRISD TRISD7 TRISD6 TRISD5 TRISD4 TRISD3 TRISD2 TRISD1 TRISD0 129 TRISE TRISE7 TRISE6 TRISE5 TRISE4 TRISE3 TRISE2 TRISE1 TRISE0 132 TRISF TRISF7 TRISF6 TRISF5 TRISF4 TRISF3 TRISF2 TRISF1 TRISF0 135 TRISG — — — TRISG4 TRISG3 TRISG2 TRISG1 TRISG0 138 Legend: — = unimplemented read as ‘0’. Shaded cells are not used for ADC module. |