công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8378E bảng dữ liệu(PDF) 104 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8378E
Giải thích chi tiết về linh kiện  PowerQUICC II Pro Processor Hardware Specifications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378E bảng dữ liệu(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MPC8378E Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 127 page
background image
MPC8378E PowerQUICC II Pro Processor Hardware Specifications, Rev. 4
104
Freescale Semiconductor
Package and Pin Listings
IRQ_B2/GPIO2[14]
F10
I/O
OVDD
—
IRQ_B3/GPIO2[15]
D9
I/O
OVDD
—
IRQ_B4/GPIO2[16]/SD_WP
C9
I/O
OVDD
—
IRQ_B5/GPIO2[17]/
USBDR_PWRFAULT
AE10
I/O
OVDD
—
IRQ_B6/GPIO2[18]
AD10
I/O
OVDD
—
IRQ_B7/GPIO2[19]
AD9
I/O
OVDD
—
PMC Interface
QUIESCE_B
D13
O
OVDD
—
SerDes1 Interface
L1_SD_IMP_CAL_RX
AJ14
I
L1_XPADVDD
—
L1_SD_IMP_CAL_TX
AG19
I
L1_XPADVDD
—
L1_SD_REF_CLK
AJ17
I
L1_XPADVDD
—
L1_SD_REF_CLK_B
AH17
I
L1_XPADVDD
—
L1_SD_RXA_N
AJ15
I
L1_XPADVDD
—
L1_SD_RXA_P
AH15
I
L1_XPADVDD
—
L1_SD_RXE_N
AJ19
I
L1_XPADVDD
—
L1_SD_RXE_P
AH19
I
L1_XPADVDD
—
L1_SD_TXA_N
AF15
O
L1_XPADVDD
—
L1_SD_TXA_P
AE15
O
L1_XPADVDD
—
L1_SD_TXE_N
AF18
O
L1_XPADVDD
—
L1_SD_TXE_P
AE18
O
L1_XPADVDD
—
L1_SDAVDD_0
AJ18
SerDes PLL
Power
(1.0 or 1.05 V)
——
L1_SDAVSS_0
AG17
SerDes PLL
GND
——
L1_XCOREVDD
AH14, AJ16, AF17, AH20, AJ20
SerDes Core
Power
(1.0 or 1.05 V)
——
L1_XCOREVSS
AG14, AG15, AG16, AH16, AG18, AG20
SerDes Core
GND
——
L1_XPADVDD
AE16, AF16, AD18, AE19, AF19
SerDes I/O
Power (1.0 or
1.05 V)
——
Table 68. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More