| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8572CPXARLD bảng dữ liệu(PDF) 115 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8572CPXARLD bảng dữ liệu(HTML) 115 Page - Freescale Semiconductor, Inc |
|
115 / 140 page ![]() MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 115 Package Description SD1_IMP_CAL_TX SerDes1 Tx Impedance Calibration T32 I 100 Ω (±1%) to GND — SD1_PLL_TPA SerDes1 PLL Test Point Analog J30 O AVDD_S RDS analog 17 SD2_IMP_CAL_RX SerDes2 Rx Impedance Calibration AC32 I 200 Ω (±1%) to GND — SD2_IMP_CAL_TX SerDes2 Tx Impedance Calibration AM32 I 100 Ω (±1%) to GND — SD2_PLL_TPA SerDes2 PLL Test Point Analog AH30 O AVDD_S RDS analog 17 TEMP_ANODE Temperature Diode Anode AA31 — internal diode 14 TEMP_CATHODE Temperature Diode Cathode AB31 — internal diode 14 No Connection Pins Table 75. MPC8572E Pinout Listing (continued) Signal Signal Name Package Pin Number Pin Type Power Supply Notes |