| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F23K22-I/SS bảng dữ liệu(PDF) 285 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-I/SS bảng dữ liệu(HTML) 285 Page - Microchip Technology |
|
285 / 496 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412C-page 285 PIC18(L)F2X/4XK22 TABLE 16-7: REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER TRANSMISSION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page BAUDCON1 ABDOVF RCIDL DTRXP CKTXP BRG16 — WUE ABDEN 274 BAUDCON2 ABDOVF RCIDL DTRXP CKTXP BRG16 — WUE ABDEN 274 INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 115 IPR1 — ADIP RC1IP TX1IP SSP1IP CCP1IP TMR2IP TMR1IP 127 IPR3 SSP2IP BCL2IP RC2IP TX2IP CTMUIP TMR5GIP TMR3GIP TMR1GIP 129 PIE1 — ADIE RC1IE TX1IE SSP1IE CCP1IE TMR2IE TMR1IE 123 PIE3 SSP2IE BCL2IE RC2IE TX2IE CTMUIE TMR5GIE TMR3GIE TMR1GIE 125 PIR1 — ADIF RC1IF TX1IF SSP1IF CCP1IF TMR2IF TMR1IF 118 PIR3 SSP2IF BCL2IF RC2IF TX2IF CTMUIF TMR5GIF TMR3GIF TMR1GIF 120 PMD0 UART2MD UART1MD TMR6MD TMR5MD TMR4MD TMR3MD TMR2MD TMR1MD 56 RCSTA1 SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 273 RCSTA2 SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 273 SPBRG1 EUSART1 Baud Rate Generator, Low Byte — SPBRGH1 EUSART1 Baud Rate Generator, High Byte — SPBRG2 EUSART2 Baud Rate Generator, Low Byte — SPBRGH2 EUSART2 Baud Rate Generator, High Byte — TRISB(2) TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 154 TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 154 TRISD(1) TRISD7 TRISD6 TRISD5 TRISD4 TRISD3 TRISD2 TRISD1 TRISD0 154 TXREG1 EUSART1 Transmit Register — TXSTA1 CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 272 TXREG2 EUSART2 Transmit Register — TXSTA2 CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 272 Legend: — = unimplemented locations, read as ‘0’. Shaded bits are not used for synchronous master transmission. Note 1: PIC18(L)F4XK22 devices. 2: PIC18(L)F2XK22 devices. |