công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F23K22-E/P bảng dữ liệu(PDF) 495 Page - Microchip Technology

tên linh kiện PIC18F23K22-E/P
Giải thích chi tiết về linh kiện  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P bảng dữ liệu(HTML) 495 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 488Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 489Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 490Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 491Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 492Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 493Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 494Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 495Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 496Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 495 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 495
PIC18(L)F2X/4XK22
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC18F46K22, PIC18LF46K22
PIC18F45K22, PIC18LF45K22
PIC18F44K22, PIC18LF44K22
PIC18F43K22, PIC18LF43K22
PIC18F26K22, PIC18LF26K22
PIC18F25K22, PIC18LF25K22
PIC18F24K22, PIC18LF24K22
PIC18F23K22, PIC18LF23K22
Tape and Reel
Option:
blank = standard packaging (tube or tray)
T = Tape and Reel(1, 2)
Temperature
Range:
E= -40
C to +125C
(Extended)
I= -40
C to +85C
(Industrial)
Package:
ML
=
QFN
MV
=
UQFN
P=
PDIP
PT
=
TQFP (Thin Quad Flatpack)
SO
=
SOIC
SP
=
Skinny Plastic DIP
SS
=
SSOP
Pattern:
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC18F46K22-E/P 301 = Extended temp.,
PDIP package, QTP pattern #301.
b)
PIC18F46K22-I/SO = Industrial temp., SOIC
package.
c)
PIC18F46K22-E/P = Extended temp., PDIP
package.
d)
PIC18F46K22T-I/ML
=
Tape
and
reel,
Industrial temp., QFN package.
Note 1:
Tape and Reel option is available for ML,
MV, PT, SO and SS packages with industrial
Temperature Range only.
2:
Tape and Reel identifier only appears in
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
[X](2)
Tape and Reel
Option
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More