công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331T-E/ML bảng dữ liệu(PDF) 253 Page - Microchip Technology

tên linh kiện PIC18LF4331T-E/ML
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-E/ML bảng dữ liệu(HTML) 253 Page - Microchip Technology

Back Button PIC18LF4331T-E/ML Datasheet HTML 249Page - Microchip Technology PIC18LF4331T-E/ML Datasheet HTML 250Page - Microchip Technology PIC18LF4331T-E/ML Datasheet HTML 251Page - Microchip Technology PIC18LF4331T-E/ML Datasheet HTML 252Page - Microchip Technology PIC18LF4331T-E/ML Datasheet HTML 253Page - Microchip Technology PIC18LF4331T-E/ML Datasheet HTML 254Page - Microchip Technology PIC18LF4331T-E/ML Datasheet HTML 255Page - Microchip Technology PIC18LF4331T-E/ML Datasheet HTML 256Page - Microchip Technology PIC18LF4331T-E/ML Datasheet HTML 257Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 253
PIC18F2331/2431/4331/4431
21.9
A/D Conversions
Figure 21-3 shows the operation of the A/D Converter
after the GO/DONE bit has been set and the
ACQT<2:0> bits are cleared. A conversion is started
after the following instruction to allow entry into Sleep
mode before the conversion begins. The internal A/D
RC oscillator must be selected to perform a conversion
in Sleep.
Figure 21-4 shows the operation of the A/D Converter
after the GO/DONE bit has been set, the ACQT<3:0>
bits are set to ‘010’ and a 4 TAD acquisition time is
selected before the conversion starts.
Clearing the GO/DONE bit during a conversion will
abort the current conversion. The resulting buffer loca-
tion will contain the partially completed A/D conversion
sample. This will not set the ADIF flag, therefore, the
user must read the buffer location before a conversion
sequence overwrites it.
After the A/D conversion is completed or aborted, a
2TAD wait is required before the next acquisition can be
started. After this wait, acquisition on the selected
channel is automatically started.
FIGURE 21-3:
A/D CONVERSION TAD CYCLES (ACQT<2:0> = 000, TACQ = 0)
FIGURE 21-4:
A/D CONVERSION TAD CYCLES (ACQT<3:0> = 0010, TACQ = 4 TAD)
Note:
The GO/DONE bit should NOT be set in
the same instruction that turns on the A/D.
TAD1 TAD2 TAD3 TAD4 TAD5 TAD6 TAD7 TAD8
TAD11
TAD9 TAD10
GO/DONE bit cleared on the rising edge of Q1 after the first Q3
Conversion Starts
b2
b8
b7
b6
b5
b4
b3
b9
b1
b0
following TAD11 and result buffer is loaded.(1)
GO/DONE bit is
set and holding
cap is
disconnected
from analog
input
Note 1:
Conversion time is a minimum of 11 TAD + 2 TCY and a maximum of 11 TAD + 6 TCY.
A/D Triggered
(Holding capacitor is disconnected)
1
2
3
4
TACQT Cycles
Automatic
Acquisition
Time
TAD1 TAD2 TAD3 TAD4 TAD5 TAD6 TAD7 TAD8
TAD11
TAD9 TAD10
GO/DONE bit cleared on the rising edge of Q1 after the first Q3
Conversion Starts
b2
b8
b7
b6
b5
b4
b3
b9
b1
b0
following TAD11 and result buffer is loaded.(1)
TAD Cycles
Note 1:
In Continuous modes, next conversion starts at the end of TAD12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com