công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/ML bảng dữ liệu(PDF) 177 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/ML
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/ML bảng dữ liệu(HTML) 177 Page - Microchip Technology

Back Button PIC18LF4331-I/ML Datasheet HTML 173Page - Microchip Technology PIC18LF4331-I/ML Datasheet HTML 174Page - Microchip Technology PIC18LF4331-I/ML Datasheet HTML 175Page - Microchip Technology PIC18LF4331-I/ML Datasheet HTML 176Page - Microchip Technology PIC18LF4331-I/ML Datasheet HTML 177Page - Microchip Technology PIC18LF4331-I/ML Datasheet HTML 178Page - Microchip Technology PIC18LF4331-I/ML Datasheet HTML 179Page - Microchip Technology PIC18LF4331-I/ML Datasheet HTML 180Page - Microchip Technology PIC18LF4331-I/ML Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 177
PIC18F2331/2431/4331/4431
FIGURE 18-4:
PWM TIME BASE BLOCK DIAGRAM
The PWM time base can be configured for four different
modes of operation:
• Free-Running mode
• Single-Shot mode
• Continuous Up/Down Count mode
• Continuous Up/Down Count mode with interrupts
for double updates
These four modes are selected by the PTMOD<1:0>
bits in the PTCON0 register. The Free-Running mode
produces
edge-aligned
PWM
generation.
The
Continuous
Up/Down
Count
modes
produce
center-aligned PWM generation. The Single-Shot
mode allows the PWM module to support pulse control
of certain Electronically Commutated Motors (ECMs)
and produces edge-aligned operation.
PTMR Register
PTPER
Comparator
PTPER Buffer
Comparator
Zero Match
Period Match
PTMOD1
Up/Down
Timer Reset
FOSC/4
Clock
Control
Period Load
Duty Cycle Load
PTMOD1
Period Match
Zero Match
PTMR Clock
Interrupt
Control
PTMOD1
Period Match
Zero Match
PTMOD0
PTMOD0
PTEN
PTIF
PTDIR
PTMR Clock
Update Disable (UDIS)
Timer
Direction
Control
Postscaler
1:1-1:16
Prescaler
1:1, 1:4, 1:16, 1:64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com