công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331T-E/SP bảng dữ liệu(PDF) 361 Page - Microchip Technology

tên linh kiện PIC18LF4331T-E/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-E/SP bảng dữ liệu(HTML) 361 Page - Microchip Technology

Back Button PIC18LF4331T-E/SP Datasheet HTML 357Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 358Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 359Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 360Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 361Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 362Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 363Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 364Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 365Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 361
PIC18F2331/2431/4331/4431
TABLE 26-20: A/D CONVERTER CHARACTERISTICS
PIC18LF2331/2431/4331/4431
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
PIC18F2331/2431/4331/4431
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
Device Supply
AVDD
Analog VDD Supply
VDD – 0.3
—
VDD + 0.3
V
AVSS
Analog VSS Supply
VSS – 0.3
—
VSS + 0.3
V
IAD
Module Current
(during conversion)
—
—
500
250
—
—
A
A
VDD = 5V
VDD = 2.5V
IADO
Module Current Off
—
—
1.0
A
AC Timing Parameters
A10
FTHR
Throughput Rate
—
—
—
—
200
75
ksps
ksps
VDD = 5V, single channel
VDD < 3V, single channel
A11
TAD
A/D Clock Period
385
1000
—
—
20,000
20,000
ns
ns
VDD = 5V
VDD = 3V
A12
TRC
A/D Internal RC Oscillator Period
—
—
—
500
750
10000
1500
2250
20000
ns
ns
ns
PIC18F parts
PIC18LF parts
AVDD < 3.0V
A13
TCNV
Conversion Time(1)
12
12
12
TAD
A14
TACQ
Acquisition Time(2)
2(2)
——
TAD
A16
TTC
Conversion Start from External
1/4 TCY
——
Reference Inputs
A20
VREF
Reference Voltage for 10-Bit
Resolution (VREF+ – VREF-)
1.5
1.8
—
—
AVDD – AVSS
AVDD – AVSS
V
V
VDD
3V
VDD < 3V
A21
VREFH
Reference Voltage High (AVDD or VREF+)
1.5V
—
AVDD
VVDD
3V
A22
VREFL
Reference Voltage Low (AVSS or VREF-)
AVSS
—VREFH – 1.5V
V
A23
IREF
Reference Current
—
—
150
A
75
A
—
—
VDD = 5V
VDD = 2.5V
Analog Input Characteristics
A26
VAIN
Input Voltage(3)
AVSS – 0.3
—
AVDD + 0.3
V
A30
ZAIN
Recommended Impedance of Analog
Voltage Source
——
2.5
k
A31
ZCHIN
Analog Channel Input Impedance
—
—
10.0
k
VDD = 3.0V
DC Performance
A41
NR
Resolution
10 bits
—
A42
EIL
Integral Nonlinearity
—
—
<
1LSb VDD  3.0V
VREFH
 3.0V
A43
EIL
Differential Nonlinearity
—
—
<
1LSb VDD  3.0V
VREFH
 3.0V
A45
EOFF
Offset Error
—
0.5
<
1.5
LSb
VDD
 3.0V
VREFH
 3.0V
A46
EGA
Gain Error
—
0.5
<
1.5
LSb
VDD
 3.0V
VREFH
 3.0V
A47
—
Monotonicity(4)
guaranteed
—
VDD
 3.0V
VREFH
 3.0V
Note
1:
Conversion time does not include acquisition time. See Section 21.0 “10-Bit High-Speed Analog-to-Digital Converter
(A/D) Module”
for a full discussion of acquisition time requirements.
2:
In Sequential modes, TACQ should be 12 TAD or greater.
3:
For VDD < 2.7V and temperature below 0°C, VAIN should be limited to range < VDD/2.
4:
The A/D conversion result never decreases with an increase in the input voltage and has no missing codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com