| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18LF4331-E/SP bảng dữ liệu(PDF) 301 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF4331-E/SP bảng dữ liệu(HTML) 301 Page - Microchip Technology |
|
301 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 301 PIC18F2331/2431/4331/4431 CPFSGT Compare f with W, Skip if f > W Syntax: [ label ] CPFSGT f [,a] Operands: 0 f 255 a [0,1] Operation: (f) W), skip if (f) > (W) (unsigned comparison) Status Affected: None Encoding: 0110 010a ffff ffff Description: Compares the contents of data memory location, ‘f’, to the contents of the W by performing an unsigned subtraction. If the contents of ‘f’ are greater than the contents of WREG, then the fetched instruction is discarded and a NOP is executed instead, making this a two- cycle instruction. If ‘a’ is ‘0’, the Access Bank will be selected, overriding the BSR value. If ‘a’ = 1, then the bank will be selected as per the BSR value. Words: 1 Cycles: 1(2) Note: 3 cycles if skip and followed by a 2-word instruction. Q Cycle Activity: Q1 Q2 Q3 Q4 Decode Read register ‘f’ Process Data No operation If skip: Q1 Q2 Q3 Q4 No operation No operation No operation No operation If skip and followed by 2-word instruction: Q1 Q2 Q3 Q4 No operation No operation No operation No operation No operation No operation No operation No operation Example: HERE CPFSGT REG NGREATER : GREATER : Before Instruction PC = Address (HERE) W= ? After Instruction If REG W; PC = Address (GREATER) If REG W; PC = Address (NGREATER) CPFSLT Compare f with W, Skip if f < W Syntax: [ label ] CPFSLT f [,a] Operands: 0 f 255 a [0,1] Operation: (f) – W), skip if (f) < (W) (unsigned comparison) Status Affected: None Encoding: 0110 000a ffff ffff Description: Compares the contents of data memory location, ‘f’, to the contents of W by performing an unsigned subtraction. If the contents of ‘f’ are less than the contents of W, then the fetched instruction is discarded and a NOP is executed instead, making this a two-cycle instruction. If ‘a’ is ‘0’, the Access Bank will be selected. If ‘a’ is ‘1’, the BSR will not be overridden. Words: 1 Cycles: 1(2) Note: 3 cycles if skip and followed by a 2-word instruction. Q Cycle Activity: Q1 Q2 Q3 Q4 Decode Read register ‘f’ Process Data No operation If skip: Q1 Q2 Q3 Q4 No operation No operation No operation No operation If skip and followed by 2-word instruction: Q1 Q2 Q3 Q4 No operation No operation No operation No operation No operation No operation No operation No operation Example: HERE CPFSLT REG NLESS : LESS : Before Instruction PC = Address (HERE) W= ? After Instruction If REG < W; PC = Address (LESS) If REG W; PC = Address (NLESS) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |