công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-E/SP bảng dữ liệu(PDF) 212 Page - Microchip Technology

tên linh kiện PIC18LF4331-E/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP bảng dữ liệu(HTML) 212 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 208Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 209Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 210Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 211Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 212Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 213Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 214Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 215Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 212
 2010 Microchip Technology Inc.
19.3
SSP I2C Operation
The SSP module, in I2C mode, fully implements all slave
functions except general call support and provides
interrupts on Start and Stop bits in hardware to facilitate
firmware implementations of the master functions. The
SSP
module
implements
the
standard
mode
specifications, as well as 7-bit and 10-bit addressing.
Two pins are used for data transfer. These are the SCK/
SCL pin, which is the clock (SCL), and the SDI/SDA
pin, which is the data (SDA). The user must configure
these pins as inputs or outputs through the
TRISC<5:4> or TRISD<3:2> bits.
The SSP module functions are enabled by setting SSP
Enable bit SSPEN (SSPCON<5>).
FIGURE 19-5:
SSP BLOCK DIAGRAM
(I2C™ MODE)
The SSP module has five registers for I2C operation.
These are the:
• SSP Control Register (SSPCON)
• SSP Status Register (SSPSTAT)
• Serial Receive/Transmit Buffer (SSPBUF)
• SSP Shift Register (SSPSR) – Not directly
accessible
• SSP Address Register (SSPADD)
The SSPCON register allows control of the I2C opera-
tion. Four mode selection bits (SSPCON<3:0>) allow
one of the following I2C modes to be selected:
•I2C Slave mode (7-bit address)
•I2C Slave mode (10-bit address)
•I2C Slave mode (7-bit address), with Start and
Stop bit interrupts enabled to support Firmware
Controlled Master mode
•I2C Slave mode (10-bit address), with Start and
Stop bit interrupts enabled to support Firmware
Controlled Master mode
•I2C Start and Stop bit interrupts enabled to
support Firmware Controlled Master mode;
Slave is Idle
Selection of any I2C mode, with the SSPEN bit set,
forces the SCL and SDA pins to be open-drain,
provided these pins are programmed as inputs by
setting the appropriate TRISC or TRISD bits. Pull-up
resistors must be provided externally to the SCL and
SDA pins for proper operation of the I2C module.
Additional information on SSP I2C operation can be
found in the “PIC® Mid-Range MCU Family Reference
Manual”
(DS33023).
19.3.1
SLAVE MODE
In Slave mode, the SCL and SDA pins must be config-
ured as inputs (TRISC<5:4> or TRISD<3:2> set). The
SSP module will override the input state with the output
data when required (slave-transmitter).
When an address is matched, or the data transfer after
an address match is received, the hardware automati-
cally will generate the Acknowledge (ACK) pulse and
then load the SSPBUF register with the received value
currently in the SSPSR register.
There are certain conditions that will cause the SSP
module not to give this ACK pulse. They include (either
or both):
a) The Buffer Full bit, BF (SSPSTAT<0>), was set
before the transfer was received.
b) The SSP Overflow bit, SSPOV (SSPCON<6>),
was set before the transfer was received.
In this case, the SSPSR register value is not loaded
into the SSPBUF, but bit, SSPIF (PIR1<3>), is set.
Table 19-2 shows what happens when a data transfer
byte is received, given the status of bits BF and
SSPOV. The shaded cells show the condition where
user software did not properly clear the overflow
condition. Flag bit, BF, is cleared by reading the
SSPBUF register, while bit, SSPOV, is cleared through
software.
The SCL clock input must have a minimum high and
low for proper operation. The high and low times of the
I2C specification, as well as the requirements of the
SSP module, are shown in timing Parameter 100 and
Parameter 101.
Read
Write
SSPSR Reg
Match Detect
SSPADD Reg
SSPBUF Reg
Internal
Data Bus
Addr Match
Set, Reset
S, P bits
(SSPSTAT Reg)
SCK/SCL(1)
Shift
Clock
MSb
SDI/SDA(1)
LSb
Note 1:
When SSPMX = 1 in CONFIG3H:
SCK/SCL is multiplexed to the RC5 pin, SDA/
SDI is multiplexed to the RC4 pin and SDO is
multiplexed to pin, RC7.
When SSPMX = 0 in CONFIG3H:
SCK/SCL is multiplexed to the RD3 pin, SDA/
SDI is multiplexed to the RD2 pin and SDO is
multiplexed to pin, RD1.
Start and
Stop bit Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com