công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331T-I/SP bảng dữ liệu(PDF) 179 Page - Microchip Technology

tên linh kiện PIC18LF4331T-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-I/SP bảng dữ liệu(HTML) 179 Page - Microchip Technology

Back Button PIC18LF4331T-I/SP Datasheet HTML 175Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 176Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 177Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 178Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 179Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 180Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 181Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 182Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 183Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 179
PIC18F2331/2431/4331/4431
REGISTER 18-3:
PWMCON0: PWM CONTROL REGISTER 0
U-0
R/W-1(1)
R/W-1(1)
R/W-1(1)
R/W-0
R/W-0
R/W-0
R/W-0
—
PWMEN2
PWMEN1
PWMEN0
PMOD3(3)
PMOD2
PMOD1
PMOD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented:
Read as ‘0’
bit 6-4
PWMEN<2:0>:
PWM Module Enable bits(1)
111
= All odd PWM I/O pins are enabled for PWM output(2)
110
= PWM1, PWM3 pins are enabled for PWM output
101
= All PWM I/O pins are enabled for PWM output(2)
100
= PWM0, PWM1, PWM2, PWM3, PWM4 and PWM5 pins are enabled for PWM output
011
= PWM0, PWM1, PWM2 and PWM3 I/O pins are enabled for PWM output
010
= PWM0 and PWM1 pins are enabled for PWM output
001
= PWM1 pin is enabled for PWM output
000
= PWM module is disabled; all PWM I/O pins are general purpose I/O
bit 3-0
PMOD<3:0>:
PWM Output Pair Mode bits
For PMOD0:
1
= PWM I/O pin pair (PWM0, PWM1) is in the Independent mode
0
= PWM I/O pin pair (PWM0, PWM1) is in the Complementary mode
For PMOD1:
1
= PWM I/O pin pair (PWM2, PWM3) is in the Independent mode
0
= PWM I/O pin pair (PWM2, PWM3) is in the Complementary mode
For PMOD2:
1
= PWM I/O pin pair (PWM4, PWM5) is in the Independent mode
0
= PWM I/O pin pair (PWM4, PWM5) is in the Complementary mode
For PMOD3:(3)
1
= PWM I/O pin pair (PWM6, PWM7) is in the Independent mode
0
= PWM I/O pin pair (PWM6, PWM7) is in the Complementary mode
Note 1:
Reset condition of the PWMEN bits depends on the PWMPIN Configuration bit.
2:
When PWMEN<2:0> = 101, PWM<5:0> outputs are enabled for PIC18F2331/2431 devices; PWM<7:0>
outputs are enabled for PIC18F4331/4431 devices.
When PWMEN<2:0> = 111, PWM Outputs 1, 3 and 5 are enabled in PIC18F2331/2431 devices; PWM
Outputs 1, 3, 5 and 7 are enabled in PIC18F4331/4431 devices.
3:
Unimplemented in PIC18F2331/2431 devices; maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com