công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 181 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 181 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 177Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 178Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 179Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 180Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 181Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 182Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 183Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 184Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 181
PIC18F2331/2431/4331/4431
Table 18-1 shows the minimum PWM frequencies that
can be generated with the PWM time base and the
prescaler.
An
operating
frequency
of
40 MHz
(FCYC = 10 MHz) and PTPER = 0xFFF is assumed in
the table. The PWM module must be capable of gener-
ating PWM signals at the line frequency (50 Hz or
60 Hz) for certain power control applications.
TABLE 18-1:
MINIMUM PWM FREQUENCY
18.3.5
PWM TIME BASE POSTSCALER
The match output of PTMR can optionally be
postscaled through a 4-bit postscaler (which gives a
1:1 to 1:16 scaling inclusive) to generate an interrupt.
The postscaler counter is cleared when any of the
following occurs:
• Write to the PTMR register
• Write to the PTCON register
• Any device Reset
The PTMR register is not cleared when PTCON is
written.
18.4
PWM Time Base Interrupts
The PWM timer can generate interrupts based on the
modes of operation selected by the PTMOD<1:0> bits
and the postscaler bits (PTOPS<3:0>).
18.4.1
INTERRUPTS IN FREE-RUNNING
MODE
When the PWM time base is in the Free-Running mode
(PTMOD<1:0> = 00), an interrupt event is generated
each time a match with the PTPER register occurs. The
PTMR register is reset to zero in the following clock edge.
Using a postscaler selection other than 1:1 will reduce
the frequency of interrupt events.
FIGURE 18-5:
PWM TIME BASE INTERRUPT TIMING, FREE-RUNNING MODE
Minimum PWM Frequencies vs. Prescaler Value
for FCYC = 10 MIPS (PTPER = 0FFFh)
Prescale
PWM Frequency
Edge-Aligned
PWM Frequency
Center-Aligned
1:1
2441 Hz
1221 Hz
1:4
610 Hz
305 Hz
1:16
153 Hz
76 Hz
1:64
38 Hz
19 Hz
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
FOSC/4
PTMR_INT_REQ
FFEh
FFFh
000h
001h
002h
PTIF bit
1
Note 1:
PWM Time Base Period register, PTPER, is loaded with the value, FFFh, for this example.
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
PTIF bit
PTMR
FFEh
FFFh
001h
002h
1
A: PRESCALER = 1:1
B: PRESCALER = 1:4
PTMR
PTMR_INT_REQ
Q4
Q4
000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com