công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 391 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 391 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 384Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 385Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 386Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 387Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 388Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 389Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 390Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 391Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 392Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 391 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 391
PIC18F2331/2431/4331/4431
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC18F2331/2431/4331/4431(1),
PIC18F2331/2431/4331/4431T(1,2);
VDD range 4.2V to 5.5V
PIC18LF2331/2431/4331/4431(1),
PIC18LF2331/2431/4331/44310T(1,2);
VDD range 2.0V to 5.5V
Temperature
Range
I= -40
C to +85C (Industrial)
E= -40
C to +125C (Extended)
Package
PT = TQFP (Thin Quad Flatpack)
SO = SOIC
SP = Skinny Plastic DIP
P= PDIP
ML = QFN
Pattern
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC18LF4431-I/P 301 = Industrial temp.,
PDIP package, Extended VDD limits,
QTP pattern #301.
b)
PIC18LF2331-I/SO = Industrial temp.,
SOIC package, Extended VDD limits.
c)
PIC18F4331-I/P = Industrial temp., PDIP
package, normal VDD limits.
Note 1:
F = Standard Voltage Range
LF = Wide Voltage Range
2:
T = in Tape and Reel – SOIC
and TQFP Packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com