công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 358 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 358 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 354Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 355Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 356Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 357Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 358Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 359Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 360Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 361Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 362Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 358
 2010 Microchip Technology Inc.
TABLE 26-16: I2C™ BUS DATA REQUIREMENTS (SLAVE MODE)
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
100
THIGH
Clock High Time
100 kHz mode
4.0
—
s
PIC18FXX31 must operate at
a minimum of 1.5 MHz
400 kHz mode
0.6
—
s
PIC18FXX31 must operate at
a minimum of 10 MHz
SSP module
1.5 TCY
—
101
TLOW
Clock Low Time
100 kHz mode
4.7
—
s
PIC18FXX31 must operate at
a minimum of 1.5 MHz
400 kHz mode
1.3
—
s
PIC18FXX31 must operate at
a minimum of 10 MHz
SSP Module
1.5 TCY
—
102
TR
SDA and SCL Rise
Time
100 kHz mode
—
1000
ns
400 kHz mode
20 + 0.1 CB
300
ns
CB is specified to be from
10 to 400 pF
103
TF
SDA and SCL Fall
Time
100 kHz mode
—
300
ns
400 kHz mode
20 + 0.1 CB
300
ns
CB is specified to be from
10 to 400 pF
90
TSU:STA
Start Condition Setup
Time
100 kHz mode
4.7
—
s
Only relevant for Repeated
Start condition
400 kHz mode
0.6
—
s
91
THD:STA
Start Condition Hold
Time
100 kHz mode
4.0
—
s
After this period, the first clock
pulse is generated
400 kHz mode
0.6
—
s
106
THD:DAT
Data Input Hold Time 100 kHz mode
0
—
ns
400 kHz mode
0
0.9
s
107
TSU:DAT
Data Input Setup
Time
100 kHz mode
250
—
ns
(Note 2)
400 kHz mode
100
—
ns
92
TSU:STO
Stop Condition Setup
Time
100 kHz mode
4.7
—
s
400 kHz mode
0.6
—
s
109
TAA
Output Valid From
Clock
100 kHz mode
—
3500
ns
(Note 1)
400 kHz mode
—
—
ns
110
TBUF
Bus Free Time
100 kHz mode
4.7
—
s
Time the bus must be free
before a new transmission can
start
400 kHz mode
1.3
—
s
D102
CB
Bus Capacitive Loading
—
400
pF
Note
1:
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region (min. 300 ns)
of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
2:
A Fast mode I2C bus device can be used in a Standard mode I2C bus system, but the requirement, TSU:DAT
 250 ns,
must then be met. This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If
such a device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line,.
TR max. + TSU:DAT = 1000 + 250 = 1250 ns (according to the Standard mode I2C bus specification), before the SCL line
is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com