công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 335 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 335 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 331Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 332Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 333Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 334Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 335Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 336Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 337Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 338Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 339Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 335
PIC18F2331/2431/4331/4431
Supply Current (IDD)(2,3)
PIC18LF2X31/4X31
150
250
A
-40°C
VDD = 2.0V
FOSC = 1 MHZ
(PRI_RUN,
EC oscillator)
150
250
A+25°C
160
250
A+85°C
PIC18LF2X31/4X31
340
350
A
-40°C
VDD = 3.0V
300
350
A+25°C
280
350
A+85°C
All devices 0.72
1.0
mA
-40°C
VDD = 5.0V
0.63
1.0
mA
+25°C
0.57
1.0
mA
+85°C
0.9
2.1
mA
+125°C
PIC18LF2X31/4X31
440
600
A
-40°C
VDD = 2.0V
FOSC = 4 MHz
(PRI_RUN,
EC oscillator)
450
600
A+25°C
460
600
A+85°C
PIC18LF2X31/4X31 0.80
1.0
mA
-40°C
VDD = 3.0V
0.78
1.0
mA
+25°C
0.77
1.0
mA
+85°C
All devices
1.6
2.0
mA
-40°C
VDD = 5.0V
1.5
2.0
mA
+25°C
1.5
2.0
mA
+85°C
2.0
4.2
mA
+125°C
All devices
10
28
mA
+125°C
VDD = 5.0V
FOSC = 25 MHz
(PRI_RUN,
EC oscillator)
All devices
9.5
12
mA
-40°C
VDD = 4.2V
FOSC = 40 MHZ
(PRI_RUN,
EC oscillator)
9.7
12
mA
+25°C
9.9
12
mA
+85°C
All devices
11.9
15
mA
-40°C
VDD = 5.0V
12.1
15
mA
+25°C
12.3
15
mA
+85°C
26.2
DC Characteristics: Power-Down and Supply Current
PIC18F2331/2431/4331/4431 (Industrial, Extended)
PIC18LF2331/2431/4331/4431 (Industrial) (Continued)
PIC18LF2331/2431/4331/4431
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
PIC18F2331/2431/4331/4431
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device
Typ
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS, and all features that add delta
current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin loading
and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have an impact on
the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be estimated
by the formula: Ir = VDD/2REXT (mA) with REXT in k
.
4:
Standard, low-cost 32 kHz crystals have an operating temperature range of -10°C to +70°C. Extended temperature
crystals are available at a much higher cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com