công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 302 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 302 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 298Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 299Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 300Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 301Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 302Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 303Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 304Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 305Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 306Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 302
 2010 Microchip Technology Inc.
DAW
Decimal Adjust W Register
Syntax:
[ label ] DAW
Operands:
None
Operation:
If [W<3:0> > 9] or [DC = 1] then,
(W<3:0>) + 6
 W<3:0>;
else,
(W<3:0>)
 W<3:0>;
If [W<7:4> 9] or [C = 1] then,
(W<7:4>) + 6
 W<7:4>;
else,
(W<7:4>)
 W<7:4>
Status Affected:
C, DC
Encoding:
0000
0000
0000
0111
Description:
DAW
adjusts the 8-bit value in W,
resulting from the earlier addition of two
variables (each in packed BCD format)
and produces a correct packed BCD
result. The Carry bit may be set by DAW
regardless of its setting prior to the DAW
instruction.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register W
Process
Data
Write
W
Example 1:
DAW
Before Instruction
W=
0xA5
C=
0
DC
=
0
After Instruction
W
=
0x05
C=
1
DC
=
0
Example 2:
Before Instruction
W=
0xCE
C=
0
DC
=
0
After Instruction
W
=
0x34
C=
1
DC
=
0
DECF
Decrement f
Syntax:
[ label ] DECF f [,d [,a]]
Operands:
0
 f  255
d
 [0,1]
a
 [0,1]
Operation:
(f) – 1
 dest
Status Affected:
C, DC, N, OV, Z
Encoding:
0000
01da
ffff
ffff
Description:
Decrement register, ‘f’,. If ‘d’ is ‘0’, the
result is stored in W. If ‘d’ is ‘1’, the
result is stored back in register, ‘f’. If ‘a’
is ‘0’, the Access Bank will be selected,
overriding the BSR value. If ‘a’ = 1, then
the bank will be selected as per the
BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write to
destination
Example:
DECF
CNT,
Before Instruction
CNT
=
0x01
Z=
0
After Instruction
CNT
=
0x00
Z=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com