công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 290 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 290 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 286Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 287Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 288Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 289Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 290Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 291Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 292Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 293Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 290
 2010 Microchip Technology Inc.
ADDWFC
ADD W and Carry bit to f
Syntax:
[ label ] ADDWFC
f [,d [,a]]
Operands:
0
 f  255
d
[0,1]
a
[0,1]
Operation:
(W) + (f) + (C)
 dest
Status Affected:
N, OV, C, DC, Z
Encoding:
0010
00da
ffff
ffff
Description:
Add W, the Carry flag and data memory
location, ‘f’. If ‘d’ is ‘0’, the result is placed
in W. If ‘d’ is ‘1’, the result is placed in
data memory location, ‘f’. If ‘a’ is ‘0’, the
Access Bank will be selected. If ‘a’ is ‘1’,
the BSR will not be overridden.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write to
destination
Example:
ADDWFC
REG,
W
Before Instruction
Carry bit =
1
REG
=
0x02
W
=
0x4D
After Instruction
Carry bit =
0
REG
=
0x02
W
=
0x50
ANDLW
AND Literal with W
Syntax:
[ label ] ANDLW
k
Operands:
0
 k  255
Operation:
(W) .AND. k
 W
Status Affected:
N, Z
Encoding:
0000
1011
kkkk
kkkk
Description:
The contents of W are ANDed with the
8-bit literal ‘k’. The result is placed in W.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read literal
‘k’
Process
Data
Write to
W
Example:
ANDLW
0x5F
Before Instruction
W=
0xA3
After Instruction
W
=
0x03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com