công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 269 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 269 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 265Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 266Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 267Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 268Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 269Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 270Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 271Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 272Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 273Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 269
PIC18F2331/2431/4331/4431
REGISTER 23-6:
CONFIG4L: CONFIGURATION REGISTER 4 LOW (BYTE ADDRESS 300006h)
R/P-1
U-0
U-0
U-0
U-0
R/P-1
U-0
R/P-1
DEBUG
—
—
—
—LVP
—STVREN
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
U = Unchanged from programmed state
bit 7
DEBUG:
Background Debugger Enable bit
1
= Background debugger is disabled; RB6 and RB7 are configured as general purpose I/O pins
0
= Background debugger is enabled; RB6 and RB7 are dedicated to In-Circuit Debug
bit 6-3
Unimplemented:
Read as ‘0’
bit 2
LVP:
Single-Supply ICSP™ Enable bit
1
= Single-Supply ICSP is enabled
0
= Single-Supply ICSP is disabled
bit 1
Unimplemented:
Read as ‘0’
bit 0
STVREN:
Stack Full/Underflow Reset Enable bit
1
= Stack full/underflow will cause Reset
0
= Stack full/underflow will not cause Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com