công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 230 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 230 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 226Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 227Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 228Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 229Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 230Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 231Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 232Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 233Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 234Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 230
 2010 Microchip Technology Inc.
To set up an Asynchronous Transmission:
1.
Initialize the SPBRG register for the appropriate
baud rate. If a high-speed baud rate is desired,
set bit, BRGH (see Section 20.2 “EUSART
Baud Rate Generator (BRG)”
).
2.
Enable the asynchronous serial port by clearing
bit, SYNC, and setting bit, SPEN.
3.
If interrupts are desired, set enable bit, TXIE.
4.
If 9-bit transmission is desired, set transmit bit,
TX9. Can be used as address/data bit.
5.
Enable the transmission by setting bit, TXEN,
which will also set bit, TXIF.
6.
If 9-bit transmission is selected, the ninth bit
should be loaded in bit, TX9D.
7.
Load data to the TXREG register (starts
transmission).
If using interrupts, ensure that the GIE and PEIE bits in
the INTCON register (INTCON<7:6>) are set.
FIGURE 20-6:
ASYNCHRONOUS RECEPTION
TABLE 20-6:
REGISTERS ASSOCIATED WITH ASYNCHRONOUS RECEPTION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Values
on Page:
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
54
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF TMR2IF TMR1IF
57
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE TMR2IE TMR1IE
57
IPR1
—
ADIP
RCIP
TXIP
SSPIP
CCP1IP TMR2IP TMR1IP
57
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
56
RCREG
EUSART Receive Register
56
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
56
BAUDCON
—
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
56
SPBRGH
EUSART Baud Rate Generator Register High Byte
56
SPBRG
EUSART Baud Rate Generator Register Low Byte
56
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used for asynchronous reception.
Start
bit
bit 7/8
bit 1
bit 0
bit 7/8
bit 0
Stop
bit
Start
bit
bit 7/8
RX (Pin)
Reg
Rcv Buffer Reg
Rcv Shift
Read Rcv
Buffer Reg
RCREG
RCIF
(Interrupt Flag)
OERR bit
CREN
Word 1
RCREG
Word 2
RCREG
Stop
bit
Note:
This timing diagram shows three words appearing on the RX input. The RCREG (Receive Buffer) is read after
the third word, causing the OERR (Overrun) bit to be set.
Start
bit
Stop
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com