công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 203 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 203 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 199Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 200Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 201Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 202Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 203Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 204Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 205Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 206Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 203
PIC18F2331/2431/4331/4431
TABLE 18-6:
REGISTERS ASSOCIATED WITH THE POWER CONTROL PWM MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page:
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
54
IPR3
—
—
—PTIP
IC3DRIP
IC2QEIP
IC1IP
TMR5IP
56
PIE3
—
—
—PTIE
IC3DRIE
IC2QEIE
IC1IE
TMR5IE
56
PIR3
—
—
—PTIF
IC3DRIF
IC2QEIF
IC1IF
TMR5IF
56
PTCON0
PTOPS3
PTOPS2
PTOPS1
PTOPS0
PTCKPS1 PTCKPS0 PTMOD1 PTMOD0
58
PTCON1
PTEN
PTDIR
—
—
—
—
—
—
58
PTMRL(1)
PWM Time Base Register (lower 8 bits)
58
PTMRH(1)
UNUSED
PWM Time Base Register (upper 4 bits)
58
PTPERL(1)
PWM Time Base Period Register (lower 8 bits)
58
PTPERH(1)
UNUSED
PWM Time Base Period Register (upper 4 bits)
58
SEVTCMPL(1) PWM Special Event Compare Register (lower 8 bits)
58
SEVTCMPH(1)
UNUSED
PWM Special Event Compare Register
(upper 4 bits)
58
PWMCON0
—
PWMEN2
PWMEN1
PWMEN0
PMOD3(2)
PMOD2
PMOD1
PMOD0
58
PWMCON1
SEVOPS3 SEVOPS2
SEVOPS1
SEVOPS0
SEVTDIR
—
UDIS
OSYNC
58
DTCON
DTPS1
DTPS0
DT5
DT4
DT3
DT2
DT1
DT0
58
FLTCONFIG
BRFEN
FLTBS(2)
FLTBMOD(2) FLTBEN(2)
FLTCON
FLTAS
FLTAMOD FLTAEN
58
OVDCOND
POVD7(2)
POVD6(2)
POVD5
POVD4
POVD3
POVD2
POVD1
POVD0
58
OVDCONS
POUT7(2)
POUT6(2)
POUT5
POUT4
POUT3
POUT2
POUT1
POUT0
58
PDC0L(1)
PWM Duty Cycle #0L Register (lower 8 bits)
58
PDC0H(1)
UNUSED
PWM Duty Cycle #0H Register (upper 6 bits)
58
PDC1L(1)
PWM Duty Cycle #1L register (lower 8 bits)
58
PDC1H(1)
UNUSED
PWM Duty Cycle #1H Register (upper 6 bits)
58
PDC2L(1)
PWM Duty Cycle #2L Register (lower 8 bits)
58
PDC2H(1)
UNUSED
PWM Duty Cycle #2H Register (upper 6 bits)
58
PDC3L(1,2)
PWM Duty Cycle #3L Register (lower 8 bits)
58
PDC3H(1,2)
UNUSED
PWM Duty Cycle #3H Register (upper 6 bits)
58
Legend:
— = Unimplemented, read as ‘0’. Shaded cells are not used with the power control PWM.
Note 1:
Double-buffered register pairs. Refer to text for explanation of how these registers are read and written to.
2:
Unimplemented in PIC18F2331/2431 devices; maintain these bits clear. Reset values shown are for
PIC18F4331/4431 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com