| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
16F1829 bảng dữ liệu(PDF) 233 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F1829 bảng dữ liệu(HTML) 233 Page - Microchip Technology |
|
233 / 420 page ![]() 2010 Microchip Technology Inc. Preliminary DS41440A-page 235 PIC16F/LF1825/1829 24.4.4 AUTO-RESTART MODE The Enhanced PWM can be configured to automati- cally restart the PWM signal once the auto-shutdown condition has been removed. Auto-restart is enabled by setting the PxRSEN bit in the PWMxCON register. If auto-restart is enabled, the CCPxASE bit will remain set as long as the auto-shutdown condition is active. When the auto-shutdown condition is removed, the CCPxASE bit will be cleared via hardware and normal operation will resume. FIGURE 24-15: PWM AUTO-SHUTDOWN WITH AUTO-RESTART (PXRSEN = 1) Shutdown PWM CCPxASE bit Activity Event Shutdown Event Occurs Shutdown Event Clears PWM Period Start of PWM Period CCPxASE Cleared by Hardware Timer Overflow Timer Overflow Timer Overflow Timer Overflow Missing Pulse (Auto-Shutdown) Missing Pulse (CCPxASE not clear) Timer Overflow PWM Resumes |