| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
16F1829 bảng dữ liệu(PDF) 228 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F1829 bảng dữ liệu(HTML) 228 Page - Microchip Technology |
|
228 / 420 page ![]() PIC16F/LF1825/1829 DS41440A-page 230 Preliminary 2010 Microchip Technology Inc. 24.4.2 FULL-BRIDGE MODE In Full-Bridge mode, all four pins are used as outputs. An example of Full-Bridge application is shown in Figure 24-10. In the Forward mode, pin CCPx/PxA is driven to its active state, pin PxD is modulated, while PxB and PxC will be driven to their inactive state as shown in Figure 24-11. In the Reverse mode, PxC is driven to its active state, pin PxB is modulated, while PxA and PxD will be driven to their inactive state as shown Figure 24-11. PxA, PxB, PxC and PxD outputs are multiplexed with the PORT data latches. The associated TRIS bits must be cleared to configure the PxA, PxB, PxC and PxD pins as outputs. FIGURE 24-10: EXAMPLE OF FULL-BRIDGE APPLICATION PxA PxC FET Driver FET Driver V+ V- Load FET Driver FET Driver PxB PxD QA QB QD QC |